Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 8Page - STMicroelectronics TDA7404_08 Datasheet HTML 9Page - STMicroelectronics TDA7404_08 Datasheet HTML 10Page - STMicroelectronics TDA7404_08 Datasheet HTML 11Page - STMicroelectronics TDA7404_08 Datasheet HTML 12Page - STMicroelectronics TDA7404_08 Datasheet HTML 13Page - STMicroelectronics TDA7404_08 Datasheet HTML 14Page - STMicroelectronics TDA7404_08 Datasheet HTML 15Page - STMicroelectronics TDA7404_08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
TDA7404
12/35
Fader outputs
VCLIP
Clipping level
d = 0.3%
2.20
2.60
VRMS
RL
Output load resistance
2
k
Ω
CL
Output load capacitance
10
nF
ROUT
Output impedance
30
100
W
VDC
DC Voltage Level
4.3
4.5
4.7
V
Subwoofer attenuator
CRANGE Control range
-53
50
-47
dB
ASTEP
Step resolution
0.5
1
1.5
dB
AMUTE
Output mute attenuation
80
90
dB
EE
Attenuation set error
2
dB
VDC
DC steps
Adjacent attenuation steps
0.10
5
mV
General
eNO
Output noise
BW = 20 Hz - 20 kHz
all gains = 0 dB single ended
inputs
10
15
μV
S/N
Signal to noise ratio
all gains = 0 dB
flat; VO = 2VRMS
106
dB
bass, treble at +12 dB;
a-weighted; VO = 2.6 VRMS
100
dB
d
Distortion
VIN = 1 VRMS; all stages 0 dB
internal pass only
0.005
0.1
%
VOUT = 1 VRMS;
Bass and treble = 12 dB
0.05
0.1
%
SC
Channel separation left/right
80
100
dB
ET
Total tracking error
AV = 0 to -20 dB
-1
0
1
dB
AV = -20 to -60 dB
-2
0
2
dB
1.
The SM-Pin is active low (Mute = 0).
2.
Center frequency 2.4 kHz makes 1kHz bottom frequency at low and high frequency boost condition.
Table 5.
Electrical characteristics (continued)
(VS =9 V; Tamb=25 °C; RL=10 kΩ; all gains = 0 dB; f = 1 kHz; unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com