Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 17Page - STMicroelectronics TDA7404_08 Datasheet HTML 18Page - STMicroelectronics TDA7404_08 Datasheet HTML 19Page - STMicroelectronics TDA7404_08 Datasheet HTML 20Page - STMicroelectronics TDA7404_08 Datasheet HTML 21Page - STMicroelectronics TDA7404_08 Datasheet HTML 22Page - STMicroelectronics TDA7404_08 Datasheet HTML 23Page - STMicroelectronics TDA7404_08 Datasheet HTML 24Page - STMicroelectronics TDA7404_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TDA7404
Description of functionality
21/35
4.9
External AC - coupling
TDA7404 has external AC coupling terminals which can be selected one of two positions
behind the mixing stage or bass filter.
Figure 16.
External AC coupling
The external AC coupling is selected in position of four switches controlled by the lower 2bit
in the Others selection (seeTable 6).
4.10
Speaker attenuator
Due to practical aspects the steps in the speaker-attenuator are not linear over the full
range. At attenuations more than 24 dB the steps increase from 1.5 dB to 10 dB (please see
data byte specification).
4.11
Subwoofer attenuator
The Subwoofer output is a single ended stereo output. The attenuator is exactly the same
like the other speakers.
Table 6.
Others selection
D1
D0
Switch position
X
0
SW3 = ON, SW4 = ON (selected internal pass), SW1 = b, SW2 = open
0
1
SW3 = OFF, SW4 = ON, SW1 = a, SW2 = a
1
1
SW3 = ON, SW4 = OFF, SW1 = b, SW2 = b
b
a
b
a
SW2
SW1
SOUND
EF FECTS
Volu m e & Filter
ACC select or
Input
Speaker
ACOUT
ACIN
Mixing
St age
SW3
SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com