Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 11Page - STMicroelectronics TDA7404_08 Datasheet HTML 12Page - STMicroelectronics TDA7404_08 Datasheet HTML 13Page - STMicroelectronics TDA7404_08 Datasheet HTML 14Page - STMicroelectronics TDA7404_08 Datasheet HTML 15Page - STMicroelectronics TDA7404_08 Datasheet HTML 16Page - STMicroelectronics TDA7404_08 Datasheet HTML 17Page - STMicroelectronics TDA7404_08 Datasheet HTML 18Page - STMicroelectronics TDA7404_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TDA7404
Description of functionality
15/35
4.4
Loudness
There are four parameters programmable in the loudness stage:
4.4.1
Attenuation
Figure 5 shows the attenuation as a function of frequency at fC = 400 Hz.
Figure 5.
Loudness attenuation @ fC = 400 Hz
4.4.2
Center frequency
Figure 6 shows the three possible peak-frequencies 400 Hz, 800 Hz and 2.4 kHz.
Figure 6.
Loudness center frequencies @ Attn. = 15 dB
-2 0
-1 5
-1 0
-5
0
5
10
10 0
1K
10 K
-2 0
-1 5
-1 0
-5
0
5
10
100
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com