Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 13Page - STMicroelectronics TDA7404_08 Datasheet HTML 14Page - STMicroelectronics TDA7404_08 Datasheet HTML 15Page - STMicroelectronics TDA7404_08 Datasheet HTML 16Page - STMicroelectronics TDA7404_08 Datasheet HTML 17Page - STMicroelectronics TDA7404_08 Datasheet HTML 18Page - STMicroelectronics TDA7404_08 Datasheet HTML 19Page - STMicroelectronics TDA7404_08 Datasheet HTML 20Page - STMicroelectronics TDA7404_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TDA7404
Description of functionality
17/35
4.6
Soft-step volume
When the volume-level is changed audible clicks could appear at the output. The root cause
of those clicks could either be a DC-Offset before the volume-stage or the sudden change of
the envelope of the audiosignal. With the soft-step feature both kinds of clicks could be
reduced to a minimum and are no more audible. Four programmable soft step time from one
step to the next, are user selectable.
Figure 9.
Soft-step timing
1.
For steps more than 1 dB the soft-step mode should be deactivated because it could generate a 1 dB error
during the blend-time.
4.7
Bass
There are three parameters programmable in the bass stage:
4.7.1
Attenuation
Figure 10 shows the attenuation as a function of frequency at a center frequency of 80Hz.
Figure 10.
Bass control @ fC = 80 Hz, Q = 1
Time
SS Time
-1dB
-2dB
Vout
2dB
1dB
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
dB
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com