Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 27Page - STMicroelectronics TDA7404_08 Datasheet HTML 28Page - STMicroelectronics TDA7404_08 Datasheet HTML 29Page - STMicroelectronics TDA7404_08 Datasheet HTML 30Page - STMicroelectronics TDA7404_08 Datasheet HTML 31Page - STMicroelectronics TDA7404_08 Datasheet HTML 32Page - STMicroelectronics TDA7404_08 Datasheet HTML 33Page - STMicroelectronics TDA7404_08 Datasheet HTML 34Page - STMicroelectronics TDA7404_08 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TDA7404
I2C bus interface
31/35
Table 19.
Others
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
X
0
1
0
1
1
AC coupling
Internal pass
Coupling between Mixing Stage and Volume
Coupling between Bass filter and Speaker
attenuator
1
1
Must be "1" for make up
Must be "1" for make up
0
0
1
1
0
1
0
1
Soft Step Time
0.68ms
1.26ms
2.52ms
5.04ms
1
Must be "1" for AutoZero
0
1
Internal Beep
Off
ON
Table 20.
Testing
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
0
1
Main-Testmode
off
on
X
X
X
X
X
X
0
1
Test-Multiplexer
internal 200kHz Clock
internal Bandgap Voltage
X
X
X
X
X
X
0
1
Clock
external
internal
1
1
must be "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com