Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 19Page - STMicroelectronics TDA7404_08 Datasheet HTML 20Page - STMicroelectronics TDA7404_08 Datasheet HTML 21Page - STMicroelectronics TDA7404_08 Datasheet HTML 22Page - STMicroelectronics TDA7404_08 Datasheet HTML 23Page - STMicroelectronics TDA7404_08 Datasheet HTML 24Page - STMicroelectronics TDA7404_08 Datasheet HTML 25Page - STMicroelectronics TDA7404_08 Datasheet HTML 26Page - STMicroelectronics TDA7404_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TDA7404
I2C bus interface
23/35
With this programming all the outputs are muted to VREF (VOUT= VDD/2).
Note:
All the blank bits in the following tables are "don't care"-bits.
5.4
Subaddress (receive mode)
Table 7.
Subaddress (receive mode)
MSB
LSB
Function
I3
I2
I1
I0
A3
A2
A1
A0
0
1
Zero cross / Soft Mute (1)
Zero Cross available
Soft Mute available
1.
For more information seeSection 4.5: Soft-mute.
0
1
AutoZero Remain (2)
off
on
2.
For more information see Section 4.2: AutoZero
0
1
Testmode (3)
off
on
3.
For more information see Test Programming block
0
1
Auto-Increment Mode (4)
off
on
4.
If this bit is set to "1", the subaddress is automatically increased after the transmission of a data-byte.
Therefore a transmission of more than one byte without sending the new subaddress is possible.
0
0
0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Input Selector / Gain
Loudness
Volume
Treble
Bass
Speaker attenuator LF / Bass Fc
select
Speaker attenuator RF
Speaker attenuator LR
Speaker attenuator RR
Subwoofer attenuator LSW
Subwoofer attenuator RSW
Soft-mute / Mixing
Others selection
Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com