Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 14Page - STMicroelectronics TDA7529_11 Datasheet HTML 15Page - STMicroelectronics TDA7529_11 Datasheet HTML 16Page - STMicroelectronics TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics TDA7529_11 Datasheet HTML 19Page - STMicroelectronics TDA7529_11 Datasheet HTML 20Page - STMicroelectronics TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Function description
TDA7529
18/61
Doc ID 13311 Rev 4
x
= must be "0" for reading, can be "1" or "0" for writing to the TDA7529
d
= determinates the direction of data transfer, reading or writing
R / W
= indicates the address to read to and/or to write from a single TDA7529
W
= indicates those addresses that can be used to transmit equal data to several TDA7529 frontends. A
read out has no purpose for these addresses (data collision), but must be possible without damaging
the tuner IC.
The two serial bus protocols, I2C and SPI, are as follows:
Figure 6.
I2C (sub address mode)
Figure 7.
SPI
Data auto increment mode is always active regardless of the serial bus mode chosen.
Table 7.
I2C addresses
Tuner:
Tuner 3
Tuner 2
Tuner 1
level at pin AS
2.2V – 3.5V
1.1V – 1.7V
0.0V – 0.6V
address:
1100 1xxd
1100 x1xd
1100 xx1d
MSB ... LSB
---
1100 000d
-
-
-
1100 001d
-
-
R / W
1100 010d
-
R / W
-
1100 011d
-
W
W
1100 100d
R / W
-
-
1100 101d
W
-
W
1100 110d
W
W
-
1100 111d
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com