Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics TDA7529_11 Datasheet HTML 19Page - STMicroelectronics TDA7529_11 Datasheet HTML 20Page - STMicroelectronics TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics TDA7529_11 Datasheet HTML 23Page - STMicroelectronics TDA7529_11 Datasheet HTML 24Page - STMicroelectronics TDA7529_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
TDA7529
Electrical specifications
Doc ID 13311 Rev 4
21/61
4.5
AM - section
Refer to application circuit in figure 3. VCC = 4.7V to 5.35V; Tamb = -40 to +105°C; LW, MW
and SW bands; 74dBµV antenna level, unless otherwise specified. Antenna level
equivalence: 0dBµV = 1µVrms, all RF levels are intended as EMF.
Table 12.
AM - section
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
AM IMR Mixer and active balun
Gmix1
Mixer conversion gain
-
7.2
9
10.5
dB
Δgmix1
Gain attenuation range
controlled by IF-AGC
18
20
-
dB
Rin
Input impedance
-
5
6.5
9.5
k
Ω
Rout
Output impedance
-
15
20
30
Ω
-
Min. external load
-
400
-
-
Ω
Vin_max
Max. output voltage
without clipping (unloaded)
122
-
-
dBµV
Vnoise
Input noise voltage
-
-
6
8.3
nV/
√Hz
IIP3
3rd order intercept point
-
130
134
-
dBµV
IIP2
2nd order intercept point
-
159
-
-
dBµV
IRR
Image rejection ratio
without gain/phase adjust
30
-
-
dB
IRR
Image rejection ratio
with gain/phase adjust
40
45
-
dB
AM RF AGC
External capacitance for time constant from 1nF to 4700nF – time constant values are directly proportional to the
external capacitor value
Lthr
Mixer input referred
RF level threshold
min. setting
83
86
89
dBµV
max setting
98
101
104
-
threshold steps
4 bit control
0.5
1
1.5
dB
-
Pin diode source current
AGC control pin 1
Logarithmic current
10
-
-
mA
-Min. voltage
AGC control pin 1 with 5µA
sink current
--
0.1
V
-
Isink
5µA sink current
5
10
-
µA
-
Pin diode source current in
constant current mode
-1
-
-
mA
-
Max. voltage
AGC control pin 1
VCC-
1.4
VCC-1.2
-
V
-
Max. output voltage in GPO
mode
AGC control pin 2
VDD-
0.3
-VDD
V
-
Min. output voltage
AGC control pin 2
-
-
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com