Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics TDA7529_11 Datasheet HTML 23Page - STMicroelectronics TDA7529_11 Datasheet HTML 24Page - STMicroelectronics TDA7529_11 Datasheet HTML 25Page - STMicroelectronics TDA7529_11 Datasheet HTML 26Page - STMicroelectronics TDA7529_11 Datasheet HTML 27Page - STMicroelectronics TDA7529_11 Datasheet HTML 28Page - STMicroelectronics TDA7529_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
TDA7529
Electrical specifications
Doc ID 13311 Rev 4
25/61
4.10
Phase locked loop
4.11
Phase frequency detector and charge pump
Table 17.
Phase Locked Loop
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
-
Settling time AM/FM
Δf < 0,01%
@ fPFD = 100 kHz
-
800
1200
µs
-
Spurious suppression
@ divided VCO signal
70
-
-
dB
Table 18.
Phase frequency detector and charge pump
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
PFD
fPFD
PFD input frequency
-
2
-
3000
kHz
Charge pump
-
Sink current
high current mode bit1
high current mode bit2
high current mode bit3
high current mode bit4
low current mode bit5
low current mode bit6
low current mode bit7
low current mode bit8
low current mode bit9
-0.4
-0.8
-1.7
-3.1
-40
-80
-160
-320
-640
-0.65
-1.3
-2.4
-4.5
-60
-120
-240
-480
-960
-0.9
-1.7
-3.1
-5.8
-80
-160
-320
-640
-1280
mA
mA
mA
mA
µA
µA
µA
µA
µA
-
Source current
high current mode bit1
high current mode bit2
high current mode bit3
high current mode bit4
low current mode bit5
low current mode bit6
low current mode bit7
low current mode bit8
low current mode bit9
0.4
0.8
1.7
3.1
40
80
160
320
640
0.65
1.3
2.4
4.5
60
120
240
480
960
0.9
1.7
3.1
5.8
80
160
320
640
1280
mA
mA
mA
mA
µA
µA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com