Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 15Page - STMicroelectronics TDA7529_11 Datasheet HTML 16Page - STMicroelectronics TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics TDA7529_11 Datasheet HTML 19Page - STMicroelectronics TDA7529_11 Datasheet HTML 20Page - STMicroelectronics TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics TDA7529_11 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
TDA7529
Electrical specifications
Doc ID 13311 Rev 4
19/61
4
Electrical specifications
Electrical parameters are guaranteed if Fref = 100kHz, with frequency stability of +/- 20ppm
max.
4.1
Absolute maximum ratings
4.2
Thermal data
4.3
General key parameters
Table 8.
Absolute maximum ratings
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
Abs. supply voltage
-
-
-
5.5
V
Tamb
Ambient temperature range
-
-40
-
105
°C
Tstg
Storage temperature
-
-55
-
150
°C
Tj
Junction temperature
-
-
-
150
°C
Table 9.
Thermal data
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
Rthj-amb
Thermal resistance junction to
ambient
2s2p std Jedec board with
thermal via underneath the
component (36 board via:
diameter = 0.5mm / pitch =
1.5mm), max 30% missing
soldering
--
33
°C/W
Table 10.
General key parameters
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
VCC
5V supply voltage
-
4.7
5
5.35
V
ICC
Supply current @ 5V
-
-
145
175
mA
ICC_pwd
Supply current @ 5V in power
down mode
--
9
14
mA
Tamb
Ambient temperature range
-
-40
-
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com