Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 16Page - STMicroelectronics TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics TDA7529_11 Datasheet HTML 19Page - STMicroelectronics TDA7529_11 Datasheet HTML 20Page - STMicroelectronics TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics TDA7529_11 Datasheet HTML 23Page - STMicroelectronics TDA7529_11 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Electrical specifications
TDA7529
20/61
Doc ID 13311 Rev 4
4.4
FM - section
Refer to application circuit in figure 3. VCC = 4.7V to 5.35V; Tamb = -40 to +105°C; fc = 76 to
108 MHz; 60dBµV antenna level; mono signal, unless otherwise specified. Antenna level
equivalence: 0dBµV = 1µVrms, all RF levels are intended as PD.
Table 11.
FM - section
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
FM IMR Mixer and active balun
Gmix1
Mixer conversion gain
mode 1 (unloaded)
20
22
24
dB
mode 2 (unloaded)
14
16
18
-
Gain attenuation range
controlled by IF-AGC
18
20
-
dB
Rin
Input impedance
mode 1
30
50
-
k
Ω
mode 2
5
6.5
9.5
Rout
Output impedance
active balun
15
20
30
Ω
Vout_max
Max. output voltage
without clipping (unloaded)
122
-
-
dBµV
vnoise
Input noise voltage
Mode1, Rsource=1.5k
Ω,
noiseless
-3
3.7
nV/
√Hz
Mode 2, Rsource=800,
noiseless
-5
6
IIP3
3rd order intercept point(1)
mode 1
up to Vin/tone = 90 dBµV
mode 2
up to Vin/tone = 98 dBµV
123
132
125
134
-dBµV
IIP2
2nd order intercept point
mode 1
mode 2
144
152
-
-
dBµV
IRR
Image rejection ratio
without gain/phase adjust
30
-
-
dB
with gain/phase adjust
40
45
-
FM RF AGC
Lthr
Mixer input referred
RF level threshold
mode 1, min. setting
82
85
88
dBµV
mode 1, max setting
97
100
103
mode 2, min. setting
90
93
96
mode 2, max setting
105
108
111
-
Threshold steps
4 bit control
0.5
1
1.5
dB
-
Pin diode source current
AGC control pin 1
Logarithmic current
10
-
-
mA
-
Pin diode sink current
AGC control pin 1
Logarithmic current
--
-3
mA
-
Pin diode source current in
constant current mode
-1
2
-
mA
-
Threshold shift keyed AGC
Control input = 1V
10.5
12.5
13.5
dB/V
1.
parameter guaranteed by correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com