Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 42Page - STMicroelectronics TDA7529_11 Datasheet HTML 43Page - STMicroelectronics TDA7529_11 Datasheet HTML 44Page - STMicroelectronics TDA7529_11 Datasheet HTML 45Page - STMicroelectronics TDA7529_11 Datasheet HTML 46Page - STMicroelectronics TDA7529_11 Datasheet HTML 47Page - STMicroelectronics TDA7529_11 Datasheet HTML 48Page - STMicroelectronics TDA7529_11 Datasheet HTML 49Page - STMicroelectronics TDA7529_11 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Registers description
TDA7529
46/61
Doc ID 13311 Rev 4
6.1.12
PLL control 1 (11)
6.1.13
PLL control 2 (12)
Table 38.
PLL control 1 (11)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
-
-
-
-
0
1
PLL enable
PLL Off
PLL On
---
-
-
-
0
1
-
Divider R enable
Divider R off; = div / 1
Divider R on
---
-
-
0
1
--
Select reference input
Reference frequency input = LVDS
Reference frequency input = Xtal
---
-
0
1
--
-
Charge pump current 800
μA
0 µA
800 µA
0
:
1
0
:
1
0
:
1
0
:
1
--
-
-
Slope of high current CP
highest
:
lowest
Table 39.
PLL control 2 (12)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
-
0
:
1
0
:
1
0
:
1
0
:
1
Delay of high current CP
shortest
:
longest
-
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
--
-
-
State machine modes decode
Buffer mode
Preset
Search
AF update
Jump
Check
Load
End
0
1
-
-
---
-
-
Register functionality control
Normal/shadow mode
Buffer/control mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com