Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 26Page - STMicroelectronics TS4621ML Datasheet HTML 27Page - STMicroelectronics TS4621ML Datasheet HTML 28Page - STMicroelectronics TS4621ML Datasheet HTML 29Page - STMicroelectronics TS4621ML Datasheet HTML 30Page - STMicroelectronics TS4621ML Datasheet HTML 31Page - STMicroelectronics TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Application information
TS4621ML
30/40
Doc ID 023181 Rev 1
Figure 67.
Typical application schematic with IEC 61000-4-2 ESD protection
By adding this ESD protection, the TS4621ML complies with the IEC 61000-4-2 level 4
standard on jack pins. Our demonstration board has been tested using the same conditions
as those outlined in the IEC 61000-4-2 standard. Results may differ depending on the layout
of the PCB.
●
15 kV (air discharge)
●
8 kV (contact discharge)
This IPAD has an internal series resistor Rout =15 Ω +/-20 % and an output capacitor
Cout =3.2 nF +/-25%.
4.3.7
Integrated input low-pass filter
The TS4621ML has an integrated internal first-order low-pass filter with a -3 dB cutoff . This
integrated filter is present on each input and filters any out-of-band audio noise coming from
the audio source.
4.4
Single-ended input configuration
The TS4621ML can be used in a single-ended input configuration. InR- and InL- or InR+
and InL+ can be shorted to ground through input capacitors. All Cin capacitors must have
the same value to keep the same PSRR performance as in a differential input configuration.
Figure 68 and Figure 69 show how to connect the TS4621ML. Note the ground connection
of each input. To avoid PSRR issues resulting from any ground noise, this connection must
be done on the ground of the audio source and not on the ground of the TS4621ML itself.
1
2
3
J1
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
Positive left input
Positive right input
+
-
+
-
Negative
supply
Positive
Supply
AGnd
C1
C2
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Negative right input
Negative left input
A1
2
C
1
C
A2
B2
Gnd
IPad
AM06151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com