Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 28Page - STMicroelectronics TS4621ML Datasheet HTML 29Page - STMicroelectronics TS4621ML Datasheet HTML 30Page - STMicroelectronics TS4621ML Datasheet HTML 31Page - STMicroelectronics TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics TS4621ML Datasheet HTML 35Page - STMicroelectronics TS4621ML Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Application information
TS4621ML
32/40
Doc ID 023181 Rev 1
The gain range in these configurations remains unchanged and is given by:
With reference to Figure 69, note that the absolute phase in the audio band is 180°.
4.4.1
Layout recommendations for single-ended operation
The connection location of each input that has to be set to ground is extremely important.
Incorrect connection location
Figure 70.
Incorrect ground connection for single-ended option
If these inputs are connected to AGnd (the ground of the TS4621ML class-G), the output
voltage can be expressed by the following simplified equation from an AC point of view.
Equation 1
Vout = Av x (Vaudio + Vmc + Vgndnoise) + Vbatnoise x PSRR
As shown in Equation 1, any ground noise and any parasitic AC voltage on Vmc is directly
multiplied by the gain of the amplifier. If Vmc can be totally controlled by the design of the
audio source device (no parasitic AC voltage), it is not necessarily the case for Vgndnoise.
This noise can be significantly reduced by an adequate low impedance ground plane, but
not totally eliminated. In practice, only ten millivolts in the right frequency range are enough
to produce an audible parasitic sound in the headphone with a volume level as low as
-20 dB.
VoutLR
VinLR
Gain
×
=
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
+
-
+
-
Negative
supply
Positive
supply
AGnd
C1
C2
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Vgndnoise
VaudioL
VaudioR
Vmc
AM06154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com