Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 29Page - STMicroelectronics TS4621ML Datasheet HTML 30Page - STMicroelectronics TS4621ML Datasheet HTML 31Page - STMicroelectronics TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics TS4621ML Datasheet HTML 35Page - STMicroelectronics TS4621ML Datasheet HTML 36Page - STMicroelectronics TS4621ML Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TS4621ML
Application information
Doc ID 023181 Rev 1
33/40
Correct connection location
As shown in Figure 71, the best option is to route the single-ended signal in parallel with the
AC ground line of the other input. The AC grounded terminal must be routed in parallel to
the audio signal and grounded with the ground of the audio source.
Figure 71.
Correct ground connection for single-ended option
In this configuration, the AC output voltage is:
Equation 2
Vout = Av x (Vaudio + Vmc) + Vgndnoise x CMRR + Vbatnoise x PSRR
In Equation 2 the ground noise is attenuated by the performance of the CMRR. In practice,
50 dB of CMRR and ten millivolts for ground noise gives an output of approximately 30 µV,
which is normally too low to be perceptible in the headphone. If Vmc is also totally controlled
by the design of the audio source, Equation 2 becomes:
Equation 3
Vout = Av x Vaudio + Vbatnoise x PSRR
Like in differential mode, the main contributor for audio signal degradation is the AC noise
voltage on Vbat. Thanks to the TS4621ML’s very high PSRR that can attenuate GSM burst
noise, Equation 3 becomes:
Equation 4
Vout = Av x Vaudio
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
+
-
+
-
Negative
supply
Positive
supply
AGnd
C1
C2
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Vgndnoise
VaudioL
VaudioR
Vmc
AM06155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com