Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 36 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics TS4621ML Datasheet HTML 35Page - STMicroelectronics TS4621ML Datasheet HTML 36Page - STMicroelectronics TS4621ML Datasheet HTML 37Page - STMicroelectronics TS4621ML Datasheet HTML 38Page - STMicroelectronics TS4621ML Datasheet HTML 39Page - STMicroelectronics TS4621ML Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Package information
TS4621ML
36/40
Doc ID 023181 Rev 1
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 73.
TS4621ML footprint recommendation
Figure 74.
Pinout
150
μm min.
400
μm
400
μm
PCB pad size:
Φ = 260 µm maximum
Φ = 220 µm recommended
75 µm min.
100
μm max.
Track
Not soldered
mask opening
Solder mask opening:
Φ = 300 μm min
(for 260 µm diameter pad)
Pad in Cu 18
μm with Flash NiAu (2-6 μm, 0.2 μm max.)
TOP VIEW
BOTTOM VIEW
AVDD
SW
INL-
C1
CMS
EN
AGND
C2
HPVDD
VOUTL
VOUTR
INL+
INR+
PVSS
GAIN
INR-
4
321
A
B
C
D
C1
C2
HPVDD
AVDD
AGND
PVSS
CMS
VOUTR
VOUTL
INL+
INR+
INL-
INR-
GAIN
EN
SW
12
34
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com