Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics TS4621ML Datasheet HTML 35Page - STMicroelectronics TS4621ML Datasheet HTML 36Page - STMicroelectronics TS4621ML Datasheet HTML 37Page - STMicroelectronics TS4621ML Datasheet HTML 38Page - STMicroelectronics TS4621ML Datasheet HTML 39Page - STMicroelectronics TS4621ML Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
TS4621ML
Package information
Doc ID 023181 Rev 1
37/40
Figure 75.
Marking (top view)
Figure 76.
Flip-chip - 16 bumps
Figure 77.
Device orientation in tape pocket
■
Logo: ST
■ Symbol for lead-free: E
■ Part number: 21
■ X digit: Assembly code
■
Date code: YWW
■
The dot marks pin A1
21X
YWW
E
21X
YWW
E
400
μm
1650
μm
1650
μm
■
Die size: 1.65 mm x 1.65 mm ± 30 µm
■
Die height (including bumps): 600 µm
±55 µm
■
Bump diameter: 250 µm ±40 µm
■ Bump height: 205 µm ±35 µm
■
Die height: 395 µm ±20 µm
■
Pitch: 400 µm ±40 µm
■
Coplanarity: 50 µm max
4
1.5
User direction of feed
8
Die size X + 70 µm
4
All dimensions are in mm
A
1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com