Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621ML Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 27Page - STMicroelectronics TS4621ML Datasheet HTML 28Page - STMicroelectronics TS4621ML Datasheet HTML 29Page - STMicroelectronics TS4621ML Datasheet HTML 30Page - STMicroelectronics TS4621ML Datasheet HTML 31Page - STMicroelectronics TS4621ML Datasheet HTML 32Page - STMicroelectronics TS4621ML Datasheet HTML 33Page - STMicroelectronics TS4621ML Datasheet HTML 34Page - STMicroelectronics TS4621ML Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
TS4621ML
Application information
Doc ID 023181 Rev 1
31/40
Figure 68.
Single-ended input configuration1
Figure 69.
Single-ended input configuration 2
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
+
-
+
-
Negative
supply
Positive
supply
AGnd
C1
C2
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Audio driver ground
AM06152
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
+
-
+
-
Negative
supply
Positive
supply
AGnd
C1
C2
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Audio driver ground
AM06153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com