Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 166Page - STMicroelectronics ST10F276E Datasheet HTML 167Page - STMicroelectronics ST10F276E Datasheet HTML 168Page - STMicroelectronics ST10F276E Datasheet HTML 169Page - STMicroelectronics ST10F276E Datasheet HTML 170Page - STMicroelectronics ST10F276E Datasheet HTML 171Page - STMicroelectronics ST10F276E Datasheet HTML 172Page - STMicroelectronics ST10F276E Datasheet HTML 173Page - STMicroelectronics ST10F276E Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 235 page
background image
Register set
ST10F276E
170/235
Doc ID 12303 Rev 3
WRCFG
Write configuration control (inverted copy of WRC bit of RP0H)
0: Pins WR and BHE retain their normal function.
1: Pin WR acts as WRL, pin BHE acts as WRH.
CLKEN
System clock output enable (CLKOUT)
0: CLKOUT disabled, pin may be used for general purpose I/O.
1: CLKOUT enabled, pin outputs the system clock signal or a prescaled value of
system clock according to XCLKOUTDIV register setting.
BYTDIS
Disable/enable control for pin BHE (set according to data bus width)
0: Pin BHE enabled.
1: Pin BHE disabled, pin may be used for general purpose I/O.
ROMEN
Internal memory enable (set according to pin EA during reset)
0: Internal memory disabled: Accesses to the IFlash Memory area use the
external bus.
1: Internal memory enabled.
SGTDIS
Segmentation disable/enable control
0: Segmentation enabled (CSP is saved/restored during interrupt entry/exit).
1: Segmentation disabled (Only IP is saved/restored).
ROMS1
Internal memory mapping
0: Internal memory area mapped to segment 0 (00’0000h...00’7FFFh).
1: Internal memory area mapped to segment 1 (01’0000h...01’7FFFh).
STKSZ
System stack size
Selects the size of the system stack (in the internal I-RAM) from 32 to 1024 words.
BUSCON0 (FF0Ch / 86h)
SFR
Reset value: 0xx0h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSWEN0 CSREN0 RDYPOL0 RDYEN0
-
BUSACT0 ALECTL0
-
BTYP
MTTC0 RWDC0
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
BUSCON1 (FF14h / 8Ah)
SFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSWEN1 CSREN1 RDYPOL1 RDYEN1
-
BUSACT1 ALECTL1
-
BTYP
MTTC1 RWDC1
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
BUSCON2 (FF16h / 8Bh)
SFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSWEN2 CSREN2 RDYPOL2 RDYEN2
-
BUSACT2 ALECTL2
-
BTYP
MTTC2 RWDC2
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
BUSCON3 (FF18h / 8Ch)
SFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSWEN3 CSREN3 RDYPOL3 RDYEN3
-
BUSACT3 ALECTL3
-
BTYP
MTTC3 RWDC3
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 77.
SYSCON description (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com