Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 170Page - STMicroelectronics ST10F276E Datasheet HTML 171Page - STMicroelectronics ST10F276E Datasheet HTML 172Page - STMicroelectronics ST10F276E Datasheet HTML 173Page - STMicroelectronics ST10F276E Datasheet HTML 174Page - STMicroelectronics ST10F276E Datasheet HTML 175Page - STMicroelectronics ST10F276E Datasheet HTML 176Page - STMicroelectronics ST10F276E Datasheet HTML 177Page - STMicroelectronics ST10F276E Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 235 page
background image
Register set
ST10F276E
174/235
Doc ID 12303 Rev 3
xxIC (yyyyh / zzh)
SFR area
Reset value: --00h
15
14
13
12
11
10
98
765
43
210
--
---
--
-
xxIR xxIE
ILVL
GLVL
RW
RW
RW
RW
Table 83.
SFR area description
Bit
Function
GLVL
Group level
Defines the internal order for simultaneous requests of the same priority.
3: Highest group priority
0: Lowest group priority
ILVL
Interrupt priority level
Defines the priority level for the arbitration of requests.
Fh: Highest priority level
0h: Lowest priority level
xxIE
Interrupt enable control bit (individually enables/disables a specific source)
0: Interrupt request is disabled
1: Interrupt request is enabled
xxIR
Interrupt request flag
0: No request pending
1: This source has raised an interrupt request
XPERCON (F024h / 12h)
ESFR
Reset value:- 005h
15
14
13
12
11
10
98
765
43
210
--
---
XMISC
EN
XI2C
EN
XSSC
EN
XASC
EN
XPWM
EN
XFLAS
HEN
XRTC
EN
XRAM2
EN
XRAM1
EN
CAN2
EN
CAN1
EN
-
-
-
-
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 84.
ESFR description
Bit
Function
CAN1EN
CAN1 enable bit
0: Accesses to the on-chip CAN1 XPeripheral and its functions are disabled (P4.5
and P4.6 pins can be used as general purpose I/Os, but address range 00’EC00h-
00’EFFFh is directed to external memory only if CAN2EN, XRTCEN, XASCEN,
XSSCEN, XI2CEN, XPWMEN an XMISCEN are ‘0’ also).
1: The on-chip CAN1 XPeripheral is enabled and can be accessed.
CAN2EN
CAN2 enable bit
0: Accesses to the on-chip CAN2 XPeripheral and its functions are disabled (P4.4
and P4.7 pins can be used as general purpose I/Os, but address range 00’EC00h-
00’EFFFh is directed to external memory only if CAN1EN, XRTCEN, XASCEN,
XSSCEN, XI2CEN, XPWMEN and XMISCEN are ‘0’ also).
1: The on-chip CAN2 XPeripheral is enabled and can be accessed.
XRAM1EN
XRAM1 enable bit
0: Accesses to the on-chip 2 Kbyte XRAM are disabled. Address range 00’E000h-
00’E7FFh is directed to external memory.
1: The on-chip 2 Kbyte XRAM is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com