Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 168Page - STMicroelectronics ST10F276E Datasheet HTML 169Page - STMicroelectronics ST10F276E Datasheet HTML 170Page - STMicroelectronics ST10F276E Datasheet HTML 171Page - STMicroelectronics ST10F276E Datasheet HTML 172Page - STMicroelectronics ST10F276E Datasheet HTML 173Page - STMicroelectronics ST10F276E Datasheet HTML 174Page - STMicroelectronics ST10F276E Datasheet HTML 175Page - STMicroelectronics ST10F276E Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 235 page
background image
Register set
ST10F276E
172/235
Doc ID 12303 Rev 3
Note:
1
BTYP (bit 6 and 7) is set according to the configuration of the bit l6 and l7 of PORT0 latched
at the end of the reset sequence.
2
BUSCON0 is initialized with 0000h, if EA pin is high during reset. If EA pin is low during
reset, bit BUSACT0 and ALECTRL0 are set (‘1’) and bit field BTYP is loaded with the bus
configuration selected via PORT0.
RP0H (F108h / 84h)
ESFR
Reset value: --XXh
15
14
13
12
11
10
98
765
43
210
-
CLKSEL
SALSEL
CSSEL
WRC
R
R
R
R
Table 79.
RPOH description(1)
1.
RP0H is a read-only register.
Bit
Function
WRC(2)
Write configuration control
0: Pin WR acts as WRL, pin BHE acts as WRH
1: Pins WR and BHE retain their normal function
CSSEL(2)
Chip select line selection (number of active CS outputs)
00: 3 CS lines: CS2...CS0
01: 2 CS lines: CS1...CS0
10: No CS line at all
11: 5 CS lines: CS4...CS0 (Default without pull-downs)
SALSEL(2)
2.
These bits are set according to Port 0 configuration during any reset sequence.
Segment address line selection (number of active segment address outputs)
00: 4-bit segment address: A19...A16
01: No segment address lines at all
10: 8-bit segment address: A23...A16
11: 2-bit segment address: A17...A16 (Default without pull-downs)
CLKSEL(2)(3)
3.
RP0H.7 to RP0H.5 bits are loaded only during a long hardware reset. As pull-up resistors are active on
each Port P0H pins during reset, RP0H default value is “FFh”.
System clock selection
000: fCPU = 16 x fOSC
001: fCPU = 0.5 x fOSC
010: fCPU = 10 x fOSC
011: fCPU = fOSC
100: fCPU = 5 x fOSC
101: fCPU = 8 x fOSC
110: fCPU = 3 x fOSC
111: fCPU = 4 x fOSC
EXICON (F1C0h / E0h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com