Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 233 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 233 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 227Page - STMicroelectronics ST10F276E Datasheet HTML 228Page - STMicroelectronics ST10F276E Datasheet HTML 229Page - STMicroelectronics ST10F276E Datasheet HTML 230Page - STMicroelectronics ST10F276E Datasheet HTML 231Page - STMicroelectronics ST10F276E Datasheet HTML 232Page - STMicroelectronics ST10F276E Datasheet HTML 233Page - STMicroelectronics ST10F276E Datasheet HTML 234Page - STMicroelectronics ST10F276E Datasheet HTML 235Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 233 / 235 page
background image
ST10F276E
Revision history
Doc ID 12303 Rev 3
233/235
26
Revision history
Table 113.
Document revision history
Date
Revision
Changes
23-Mar-2004
0.7
Initial release.
2-Nov-2004
0.8
Cover: Removed a line in the table concerning TQFP144 at –40 / +105°C - 48MHz
Chapter 4: SUSP bit description in register FCR0H updated.
Chapter 4: B2F[2:0] and B0F[9:0] bits description in register FCR1L updated.
Section 4.5: Suspend and Resume example updated.
Section 4.5: Suspend and Resume paragraph conclusion updated.
Section 4.5: “Erase Suspend, Program and Resume” example updated (do/while cycle)
Section 4.5: Word Program during Sector Erase Suspend example updated.
Section 4.5: Erase Resume example updated.
Section 4.5: Last sentence in “Erase Suspend, Program and Resume” paragraph
updated.
Section 4.5: Added a summary at the end of “Erase Suspend, Program and Resume”
examples.
Chapter 22: paragraph titles and table headers updated for coherency along the
chapter.
Section 23.3: Removed a line in the table concerning TQFP144 at – 40 / +105°C -
48MHz.
Paragraph 24.6.1 changed into Paragraph 23.7.
Paragraph 23.8.19: timing formulas and figures from t28h up to t55 corrected.
Section 23.3: Definition of PINT corrected replacing V18 with VDD .
Section 23.5: IPD1, IPD3, ISB2 values updated.
Section 23.6: Flash Characteristics table fully updated.
Section 23.6: Data Retention Characteristics table updated with new data format .
24-Jan-2005
0.9
Alignment of IFlash and XFlash naming convention along the document (correcting all I-
Flash and X-Flash occurrences)
CAN1 and CAN2 note about register access possibility updated.
Section 5.1: Decoding of P0L.5 = 1, P0L.4 = 0 descritpion updated.
Figure 39 updated - bidirectional arrows on I2C alternate functions.
Figure 54 updated - unidirectional arrows on XPWM alternate functions.
Chapter 17: Introduction updated clarifying the behaviour of "cyclic time based
interrupt" bullet.
Chapter 17: Description of bit RTCAEN of RTCCON register updated.
Chapter 17: Notes referring to RTCCON register description updated.
Chapter 19: Some occurences of EA corrected in EA.
Section 19.2: Note in "Power-On Reset" paragraph updated, adding a missing word.
Chapter 22: Reset value of IDPROG register corrected.
Chapter 22: Name of all I2C registers corrected adding prefix “I2C”.
Section 23.5: Note numbering in DC Characteristics table updated.
24-May-2006
1.0
Initial public release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com