Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 227Page - STMicroelectronics ST10F276E Datasheet HTML 228Page - STMicroelectronics ST10F276E Datasheet HTML 229Page - STMicroelectronics ST10F276E Datasheet HTML 230Page - STMicroelectronics ST10F276E Datasheet HTML 231Page - STMicroelectronics ST10F276E Datasheet HTML 232Page - STMicroelectronics ST10F276E Datasheet HTML 233Page - STMicroelectronics ST10F276E Datasheet HTML 234Page - STMicroelectronics ST10F276E Datasheet HTML 235Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 234 / 235 page
background image
Revision history
ST10F276E
234/235
Doc ID 12303 Rev 3
13-Aug-2008
2
Made editing and formatting changes throughout document to improve readability
Changed package from TQFP144 to LQFP144
Updated package silhouettes on page 1
Table 60: Reset event definition: Added link to footnote 2 in conditions for LHWR and
SHWR
Section 5.3.5: Added missing Equation 3
Chapter 13: A/D converter: Replaced ST10273E with ST10276E in second paragraph
Table 93: A/D converter characteristics: Changed value symbol from W to
Ω for Analog
switch resistance
Table 101: Minimum values of negative resistance (module): Changed value symbol
from kW to k
Ω for CA = 33pF
Section 20.3: Stand-by mode: Replaced ST10273E with ST10276E in third paragraph
Added Section 24.1: ECOPACK® packages
Updated Table 112: Order codes
Table 113: Document revision history: Changed “Initial release” to “Initial public release”
in “Changes” column for Rev. 1.0 dated 24-May-2006
10-Aug-2012
3
Update Chapter 24: Package information
Update Table 112: Order codes
Table 113.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com