Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 69 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 69 Page - SPANSION

Back Button S29CD032J Datasheet HTML 65Page - SPANSION S29CD032J Datasheet HTML 66Page - SPANSION S29CD032J Datasheet HTML 67Page - SPANSION S29CD032J Datasheet HTML 68Page - SPANSION S29CD032J Datasheet HTML 69Page - SPANSION S29CD032J Datasheet HTML 70Page - SPANSION S29CD032J Datasheet HTML 71Page - SPANSION S29CD032J Datasheet HTML 72Page - SPANSION S29CD032J Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
69
Data
She e t
18.7
Alternate CE# Controlled Erase/Program Operations
Notes
1. Not 100% tested.
2. See Command Definitions on page 75 for more information.
Table 18.6 Alternate CE# Controlled Erase/Program Operations
Parameter
Description
All Speed
Options
Unit
JEDEC
Std.
tAVAV
tWC
Write Cycle Time (Note 1)
Min
65
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
ns
tDVEH
tDS
Data Setup Time
Min
35
ns
tEHDX
tDH
Data Hold Time
16 Mb
Min
2
ns
32 Mb
Min
5
ns
tGHEL
tGHEL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tWP
WE# Width
Min
25
ns
tELEH
tCP
CE# Pulse Width
Min
20
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1 Programming Operation (Note 2)
Double-Word
Typ
9
µs
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
0.5
sec
tWCKS
WE# Rising Edge Setup to CLK Rising Edge
Min
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com