Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 14 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 14 Page - SPANSION

Back Button S29CD032J Datasheet HTML 10Page - SPANSION S29CD032J Datasheet HTML 11Page - SPANSION S29CD032J Datasheet HTML 12Page - SPANSION S29CD032J Datasheet HTML 13Page - SPANSION S29CD032J Datasheet HTML 14Page - SPANSION S29CD032J Datasheet HTML 15Page - SPANSION S29CD032J Datasheet HTML 16Page - SPANSION S29CD032J Datasheet HTML 17Page - SPANSION S29CD032J Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
14
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
5.2
PQR080–80-Lead Plastic Quad Flat Package Physical Dimensions
3213\38.4C
PACKAGE
PQR 080
JEDEC
MO-108(B)CB-1
NOTES
SYMBOL
MIN
NOM
MAX
A
--
--
3.35
A1
0.25
--
--
A2
2.70
2.80
2.90
b
0.30
--
0.45
SEE NOTE 4
c
0.15
--
0.23
D
17.00
17.20
17.40
D1
13.90
14.00
14.10
SEE NOTE 3
D3
--
12.0
--
REFERENCE
e
--
0.80
--
BASIC, SEE NOTE 7
E
23.00
23.20
23.40
E1
19.90
20.00
20.10
SEE NOTE 3
E3
--
18.40
--
REFERENCE
aaa
---
0.20
---
ccc
0.10
L
0.73
0.88
1.03
P24
Q40
R64
S80
NOTES:
1.
ALL DIMENSIONS AND TOLERANCES CONFORM TO
ANSI Y14.5M-1982.
2.
DATUM PLANE -A- IS LOCATED AT THE MOLD PARTING LINE
AND IS COINCIDENT WITH THE BOTTOM OF THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY.
3.
DIMENSIONS "D1" AND "E1" DO NOT INCLUD MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25 mm PER SIDE.
DIMENSIONS "D1" AND "E1" INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT DATUM PLANE -A-
4.
DIMENSION "B" DOES NOT INCLUDE DAMBAR PROTRUSION.
5.
CONTROLLING DIMENSIONS: MILLIMETER.
6.
DIMENSIONS "D" AND "E" ARE MEASURED FROM BOTH
INNERMOST AND OUTERMOST POINTS.
7.
DEVIATION FROM LEAD-TIP TRUE POSITION SHALL BE WITHIN
±0.0076 mm FOR PITCH > 0.5 mm AND WITHIN ±0.04 FOR
PITCH < 0.5 mm.
8.
LEAD COPLANARITY SHALL BE WITHIN: (REFER TO 06-500)
1 - 0.10 mm FOR DEVICES WITH LEAD PITCH OF 0.65 - 0.80 mm
2 - 0.076 mm FOR DEVICES WITH LEAD PITCH OF 0.50 mm.
COPLANARITY IS MEASURED PER SPECIFICATION 06-500.
9.
HALF SPAN (CENTER OF PACKAGE TO LEAD TIP) SHALL BE
WITHIN ±0.0085".
b
c
SECTION S-S
6
3
3
6
-B-
PIN R
PIN S
-A-
PIN ONE I.D.
D1
D
D3
PIN Q
-D-
PIN P
E
E1
E3
SEE NOTE 3
A
A1
A2
-C-
-A-
SEATING PLANE
2
e BASIC
SEE DETAIL X
S
S
DETAIL X
0.25
A
C
ccc
SD S
4
C AB
M
a
a
b
0˚-7˚
a
0˚MIN.
L
GAGE
PLANE
7˚
TYP.
0.30 ± 0.05 R
7˚
TYP.
0.20 MIN. FLAT SHOULDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com