Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 74 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 74 Page - SPANSION

Back Button S29CD032J Datasheet HTML 70Page - SPANSION S29CD032J Datasheet HTML 71Page - SPANSION S29CD032J Datasheet HTML 72Page - SPANSION S29CD032J Datasheet HTML 73Page - SPANSION S29CD032J Datasheet HTML 74Page - SPANSION S29CD032J Datasheet HTML 75Page - SPANSION S29CD032J Datasheet HTML 76Page - SPANSION S29CD032J Datasheet HTML 77Page - SPANSION S29CD032J Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
74
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
49h
0006h
Sector Protect/Unprotect scheme (1 byte)
01 =29F040 mode, 02 = 29F016 mode
03 = 29F400 mode, 04 = 29LV800 mode
05 = 29BDS640 mode (Software Command Locking)
06 = BDD160 mode (New Sector Protect)
07 = 29LV800 + PDL128 (New Sector Protect) mode
4Ah
0037h
Simultaneous Read/Write (1 byte)
00h = Not Supported, X = Number of sectors in all banks except Bank 1
4Bh
0001h
Burst Mode Type
00h = Not Supported, 01h = Supported
4Ch
0000h
Page Mode Type
00h = Not Supported, 01h = 4 Word Page, 02h = 8 Word Page
4Dh
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported (DQ7-DQ4: volt in hex, DQ3-DQ0: 100 mV in BCD)
4Eh
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, (DQ7-DQ4: volt in hex, DQ3-DQ0: 100 mV in BCD)
4Fh
0001h
Top/Bottom Boot Sector Flag (1 byte)
00h = Uniform device, no WP# control,
01h = 8 x 8 Kb sectors at top and bottom with WP# control
02h = Bottom boot device
03h = Top boot device
04h = Uniform, Bottom WP# Protect
05h = Uniform, Top WP# Protect
If the number of erase block regions = 1, then ignore this field
50h
0001h
Program Suspend
00 = Not Supported
01 = Supported
51h
0000h
Write Buffer Size
2(N+1) word(s)
57h
0002h
Bank Organization (1 byte)
00 = If data at 4Ah is zero
XX = Number of banks
58h
0017h
Bank 1 Region Information (1 byte)
XX = Number of Sectors in Bank 1
59h
0037h
Bank 2 Region Information (1 byte)
XX = Number of Sectors in Bank 2
5Ah
0000h
Bank 3 Region Information (1 byte)
XX = Number of Sectors in Bank 3
5Bh
0000h
Bank 4 Region Information (1 byte)
XX = Number of Sectors in Bank 4
Table 19.4 CFI Primary Vendor-Specific Extended Query (Sheet 2 of 2)
Addresses
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com