Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 22 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 22 Page - SPANSION

Back Button S29CD032J Datasheet HTML 18Page - SPANSION S29CD032J Datasheet HTML 19Page - SPANSION S29CD032J Datasheet HTML 20Page - SPANSION S29CD032J Datasheet HTML 21Page - SPANSION S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
22
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
Notes
1. Secured Silicon Sector overlays this sector when enabled.
2. The bank address is determined by A19 and A18. BA = 00 for Bank 0 and BA = 01, 10, or 11 for Bank 1.
3. This sector has the additional WP# pin sector protection feature.
Table 7.3 S29CD032J/CL032J (Top Boot) Sector and Memory Address Map
Sector
Sector
Group
x32 Address Range
(A19:A0)
Sector Size
(KDwords)
Sector
Sector
Group
x32 Address Range
(A19:A0)
Sector Size
(KDwords)
Bank 0 (Note 2)
Bank 1 continued (Note 2)
SA0 (Note 1)
SG0
00000h–007FFh
2
SA39
SG16
80000h–83FFFh
16
SA1
SG1
00800h–00FFFh
2
SA40
84000h–87FFFh
16
SA2
SG2
01000h–017FFh
2
SA41
88000h–8BFFFh
16
SA3
SG3
01800h–01FFFh
2
SA42
8C000h–8FFFFh
16
SA4
SG4
02000h–027FFh
2
SA43
SG17
90000h–93FFFh
16
SA5
SG5
02800h–02FFFh
2
SA44
94000h–97FFFh
16
SA6
SG6
03000h–037FFh
2
SA45
98000h–9BFFFh
16
SA7
SG7
03800h–03FFFh
2
SA46
9C000h–9FFFFh
16
SA8
SG8
04000h–07FFFh
16
SA47
SG18
A0000h–A3FFFh
16
SA9
08000h–0BFFFh
16
SA48
A4000h–A7FFFh
16
SA10
0C000h–0FFFFh
16
SA49
A8000h–ABFFFh
16
SA11
SG9
10000h–13FFFh
16
SA50
AC000h–AFFFFh
16
SA12
14000h–17FFFh
16
SA51
SG19
B0000h–B3FFFh
16
SA13
18000h–1BFFFh
16
SA52
B4000h–B7FFFh
16
SA14
1C000h–1FFFFh
16
SA53
B8000h–BBFFFh
16
SA15
SG10
20000h–23FFFh
16
SA54
BC000h–BFFFFh
16
SA16
24000h–27FFFh
16
SA55
SG20
C0000h–C3FFFh
16
SA17
28000h–2BFFFh
16
SA56
C4000h–C7FFFh
16
SA18
2C000h–2FFFFh
16
SA57
C8000h–CBFFFh
16
SA19
SG11
30000h–33FFFh
16
SA58
CC000h–CFFFFh
16
SA20
34000h–37FFFh
16
SA59
SG21
D0000h–D3FFFh
16
SA21
38000h–3BFFFh
16
SA60
D4000h–D7FFFh
16
SA22
3C000h–3FFFFh
16
SA61
D8000h–DBFFFh
16
Bank 1 (Note 2)
SA62
DC000h–DFFFFh
16
SA23
SG12
40000h–43FFFh
16
SA63
SG22
E0000h–E3FFFh
16
SA24
44000h–47FFFh
16
SA64
E4000h–E7FFFh
16
SA25
48000h–4BFFFh
16
SA65
E8000h–EBFFFh
16
SA26
4C000h–4FFFFh
16
SA66
EC000h–EFFFFh
16
SA27
SG13
50000h–53FFFh
16
SA67
SG23
F0000h–F3FFFh
16
SA28
54000h–57FFFh
16
SA68
F4000h–F7FFFh
16
SA29
58000h–5BFFFh
16
SA69
F8000h–FBFFFh
16
SA30
5C000h–5FFFFh
16
SA70
SG24
FC000h–FC7FFh
2
SA31
SG14
60000h–63FFFh
16
SA71
SG25
FC800h–FCFFFh
2
SA32
64000h–67FFFh
16
SA72
SG26
FD000h–FD7FFh
2
SA33
68000h–6BFFFh
16
SA73
SG27
FD800h–FDFFFh
2
SA34
6C000h–6FFFFh
16
SA74
SG28
FE000h–FE7FFh
2
SA35
SG15
70000h–73FFFh
16
SA75
SG29
FE800h–FEFFFh
2
SA36
74000h–77FFFh
16
SA76 (Note 3)
SG30
FF000h–FF7FFh
2
SA37
78000h–7BFFFh
16
SA77 (Note 3)
SG31
FF800h–FFFFFh
2
SA38
7C000h–7FFFFh
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com