Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 76 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 76 Page - SPANSION

Back Button S29CD032J Datasheet HTML 72Page - SPANSION S29CD032J Datasheet HTML 73Page - SPANSION S29CD032J Datasheet HTML 74Page - SPANSION S29CD032J Datasheet HTML 75Page - SPANSION S29CD032J Datasheet HTML 76Page - SPANSION S29CD032J Datasheet HTML 77Page - SPANSION S29CD032J Datasheet HTML 78Page - SPANSION S29CD032J Datasheet HTML 79Page - SPANSION S29CD032J Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
76
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
Legend
Notes
Table 20.2 Sector Protection Command Definitions (x32 Mode)
Command (Notes)
Bus Cycles (Notes 1–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Reset
1
XXX
F0
Secured Silicon Sector Entry
3
555
AA
2AA
55
555
88
Secured Silicon Sector Exit
4
555
AA
2AA
55
555
90
XX
00
Secured Silicon Protection
Bit Program (5, 6)
6
555
AA
2AA
55
555
60
OW
68
OW
48
OW
RD(0)
Secured Silicon Protection Bit
Status
6
555
AA
2AA
55
555
60
OW
RD(0)
Password Program (5, 7, 8)
4
555
AA
2AA
55
555
38
PWA[0-1]
PWD[0-1]
Password Verify
4
555
AA
2AA
55
555
C8
PWA[0-1]
PWD[0-1]
Password Unlock (7, 8)
5
555
AA
2AA
55
555
28
PWA[0-1]
PWD[0-1]
PPB Program (5, 6)
6
555
AA
2AA
55
555
60
SG+WP
68
SG+WP
48
SG+WP
RD(0)
All PPB Erase (5, 9, 10)
6
555
AA
2AA
55
555
60
WP
60
WP
40
WP
RD(0)
PPB Status (11, 12)
4
555
AA
2AA
55
BA+555
90
SA+X02
00/01
PPB Lock Bit Set
3
555
AA
2AA
55
555
78
PPB Lock Bit Status
4
555
AA
2AA
55
BA+555
58
SA
RD(1)
DYB Write (7)
4
555
AA
2AA
55
555
48
SA
X1
DYB Erase (7)
4
555
AA
2AA
55
555
48
SA
X0
DYB Status (12)
4
555
AA
2AA
55
BA+555
58
SA
RD(0)
PPMLB Program (5, 6)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
RD(0)
PPMLB Status (5)
6
555
AA
2AA
55
555
60
PL
RD(0)
SPMLB Program (5, 6)
6
555
AA
2AA
55
555
60
SL
68
SL
48
SL
RD(0)
SPMLB Status (5)
6
555
AA
2AA
55
555
60
SL
RD(0)
DYB = Dynamic Protection Bit
OW = Address (A5–A0) is (011X10).
PPB = Persistent Protection Bit
PWA = Password Address. A0 selects between the low and high 32-bit portions
of the 64-bit Password
PWD = Password Data. Must be written over two cycles.
PL = Password Protection Mode Lock Address (A5–A0) is (001X10)
RD(0) = Read Data DQ0 protection indicator bit. If protected, DQ0= 1, if
unprotected, DQ0 = 0.
RD(1) = Read Data DQ1 protection indicator bit. If protected, DQ1 = 1, if
unprotected, DQ1 = 0.
SA = Sector Address. The set of addresses that comprise a sector. The system
may write any address within a sector to identify that sector for a command.
SG = Sector Group Address
BA = Bank Address. The set of addresses that comprise a bank. The system may
write any address within a bank to identify that bank for a command.
SL = Persistent Protection Mode Lock Address (A5–A0) is (010X10)
WP = PPB Address (A5–A0) is (111010)
X = Don’t care
PPMLB = Password Protection Mode Locking Bit
SPMLB = Persistent Protection Mode Locking Bit
1. See Table 8.1 for description of bus operations.
2. All values are in hexadecimal.
3. Shaded cells in table denote read cycles. All other cycles are write
operations.
4. During unlock cycles, (lower address bits are 555 or 2AAh as shown in table)
address bits higher than A11 (except where BA is required) and data bits
higher than DQ7 are don’t cares.
5. The reset command returns the device to reading the array.
6. The fourth cycle programs the addressed locking bit. The fifth and sixth
cycles are used to validate whether the bit has been fully programmed. If DQ0
(in the sixth cycle) reads 0, the program command must be issued and
verified again.
7. Data is latched on the rising edge of WE#.
8. The entire four bus-cycle sequence must be entered for each portion of the
password.
9. The fourth cycle erases all PPBs. The fifth and sixth cycles are used to
validate whether the bits have been fully erased. If DQ0 (in the sixth cycle)
reads 1, the erase command must be issued and verified again.
10. Before issuing the erase command, all PPBs should be programmed in order
to prevent over-erasure of PPBs.
11. In the fourth cycle, 00h indicates PPB set; 01h indicates PPB not set.
12. The status of additional PPBs and DYBs may be read (following the fourth
cycle) without reissuing the entire command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com