Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 24 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 24 Page - SPANSION

Back Button S29CD032J Datasheet HTML 20Page - SPANSION S29CD032J Datasheet HTML 21Page - SPANSION S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION S29CD032J Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
24
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
8.
Device Operations
This section describes the read, program, erase, simultaneous read/write operations, and reset features of
the Flash devices.
Operations are initiated by writing specific commands or a sequence with specific address and data patterns
into the command register (see Table 8.1). The command register itself does not occupy any addressable
memory location; rather, it is composed of latches that store the commands, along with the address and data
information needed to execute the command. The contents of the register serve as input to the internal state
machine; the state machine outputs dictate the function of the device. Writing incorrect address and data
values or writing them in an improper sequence may place the device in an unknown state, in which case the
system must write the reset command in order to return the device to the reading array data mode.
8.1
Device Operation Table
The device must be set up appropriately for each operation. Table 8.1 describes the required state of each
control pin for any particular operation.
Legend
L = Logic Low = VIL, H = Logic High = VIH, X = Don’t care.
Notes
1. WP# controls the two outermost sectors of the top boot block or the two outermost sectors of the bottom boot block.
2. DQ0 reflects the sector PPB (or sector group PPB) and DQ1 reflects the DYB.
Table 8.1 Device Bus Operation
Operation
CE#
OE#
WE#
RESET#
CLK
ADV#
Addresses
Data
(DQ0–DQ31)
Read
L
L
H
H
X
X
AIN
DOUT
Asynchronous Write
L
H
L
H
X
X
AIN
DIN
Synchronous Write
L
H
L
H
AIN
DIN
Standby (CE#)
H
X
X
H
H
X
X
High-Z
Output Disable
L
H
H
H
X
X
High-Z
High-Z
Reset
X
X
X
L
X
X
X
High-Z
PPB Protection Status (Note 2)
L
L
H
H
X
X
Sector Address,
A9 = VID,
A7 – A0 = 02h
00000001h, (protected)
A6 = H
00000000h (unprotect)
A6 = L
Burst Read Operations
Load Starting Burst Address
L
X
H
H
AIN
X
Advance Burst to next address
with appropriate Data presented
on the Data bus
L
L
H
H
H
X
Burst Data Out
Terminate Current Burst Read Cycle
H
X
H
H
X
X
High-Z
Terminate Current Burst
Read Cycle with RESET#
X
X
H
L
X
X
X
High-Z
Terminate Current Burst Read Cycle;
Start New Burst Read Cycle
LH
H
H
AIN
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com