Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 17 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 17 Page - Sony Corporation

Back Button CXP-82224 Datasheet HTML 13Page - Sony Corporation CXP-82224 Datasheet HTML 14Page - Sony Corporation CXP-82224 Datasheet HTML 15Page - Sony Corporation CXP-82224 Datasheet HTML 16Page - Sony Corporation CXP-82224 Datasheet HTML 17Page - Sony Corporation CXP-82224 Datasheet HTML 18Page - Sony Corporation CXP-82224 Datasheet HTML 19Page - Sony Corporation CXP-82224 Datasheet HTML 20Page - Sony Corporation CXP-82224 Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
– 17 –
CXP82220/82224
Serial transfer (CH1)
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
Symbol
Pin
Min.
Max.
Condition
SCK1 cycle time
SCK1 High, Low level width
SI1 input setup time
(for SCK1
↑)
SI1 input hold time
(for SCK1
↑)
SCK1
↓ → SO1
delay time
tKCY
tKH,
tKL
tSIK
tKSI
tKSO
SCK1
SCK1
SI1
SI1
SO1
Input mode
Output mode
Input mode
Output mode
SCK1 input mode
SCK1 output mode
SCK1 input mode
SCK1 output mode
SCK1 input mode
SCK1 output mode
1000
16000/fc
400
8000/fc – 50
100
200
200
100
200
100
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note) The load condition for the SCK1 output mode, SO1 output delay time is 50pF + 1TTL.
Fig. 5. Serial transfer CH1 timing
SCK1
SI1
SO1
tKCY
tKL
tKH
0.2VDD
0.8VDD
tSIK
tKSI
tKSO
Input data
Output data
0.2VDD
0.8VDD
0.2VDD
0.8VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com