Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP-82224 Datasheet HTML 3Page - Sony Corporation CXP-82224 Datasheet HTML 4Page - Sony Corporation CXP-82224 Datasheet HTML 5Page - Sony Corporation CXP-82224 Datasheet HTML 6Page - Sony Corporation CXP-82224 Datasheet HTML 7Page - Sony Corporation CXP-82224 Datasheet HTML 8Page - Sony Corporation CXP-82224 Datasheet HTML 9Page - Sony Corporation CXP-82224 Datasheet HTML 10Page - Sony Corporation CXP-82224 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
– 7 –
CXP82220/82224
When reset
Pin
Circuit format
IP
RD (Port B)
Data bus
Port B direction
Port B output selection
"0" when reset
Port B data
"0" when reset
SO
Output enable
Port B
Port C
Port E
1 pin
High level
Hi-Z
Hi-Z
PB4/SO0
PB7/SO1
1 pin
8 pins
Hi-Z
PC0/KR0
to
PC7/KR7
6 pins
PE0/EC0/INT0
PE1/EC1/INT1
PE2/INT2
PE3/INT3/NMI
PE4/RMC
PE5/CTL
Port B
IP
RD (Port C)
Data bus
Port C direction
Port C data
"0" when reset
Key input signal
∗
Large current drive of 12mA possible
∗
RD (Port E)
IP
EC0/INT0
EC1/INT1
INT2
INT3/NMI
RMC
CTL
Data bus
Schmitt input
RD (Port B)
Data bus
Port B output selection
"1" when reset
Port B data
"1" when reset
SO
Output enable
Internal reset signal
∗
∗
Pull-up transistor approx.
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com