Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP-82224 Datasheet HTML 7Page - Sony Corporation CXP-82224 Datasheet HTML 8Page - Sony Corporation CXP-82224 Datasheet HTML 9Page - Sony Corporation CXP-82224 Datasheet HTML 10Page - Sony Corporation CXP-82224 Datasheet HTML 11Page - Sony Corporation CXP-82224 Datasheet HTML 12Page - Sony Corporation CXP-82224 Datasheet HTML 13Page - Sony Corporation CXP-82224 Datasheet HTML 14Page - Sony Corporation CXP-82224 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
CXP82220/82224
∗1 V
IN
and VOUT must not exceed VDD + 0.3V.
∗2 Specifies output current of general-purpose l/O ports.
∗3 The large current drive transistor is the N-CH transistor of Port C (PC).
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
be conducted under the recommended operating conditions. Exceeding these conditions may adversely
affect the reliability of the LSl.
Supply voltage
Input voltage
Output voltage
Display output voltage
High level output current
High level total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
AVSS
VIN
VOUT
VOD
IOH
IODH1
IODH2
∑IOH
∑IODH
IOL
IOLC
∑IOL
Topr
Tstg
PD
As P channel transistor is open drain,
VDD is reference.
All pins excluding display outputs∗2
(value per pin)
Display outputs S0 to S23 (value per pin)
Display outputs T0 to T7, and T8/S31 to
T15/S24 (value per pin)
Total for all pins excluding display outputs
Total for all display outputs
Port 1
Large current Port 1 ∗3
Total for all output pins
Item
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V reference)
–0.3 to +7.0
–0.3 to +0.3
–0.3 to +7.0∗1
–0.3 to +7.0∗1
VDD – 40 to VDD + 0.3
–5
–15
–35
–40
–100
15
20
100
–20 to +75
–55 to +150
600
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
°C
°C
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com