Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 4 Page - Sony Corporation

  CXP-82224 Datasheet HTML 1Page - Sony Corporation CXP-82224 Datasheet HTML 2Page - Sony Corporation CXP-82224 Datasheet HTML 3Page - Sony Corporation CXP-82224 Datasheet HTML 4Page - Sony Corporation CXP-82224 Datasheet HTML 5Page - Sony Corporation CXP-82224 Datasheet HTML 6Page - Sony Corporation CXP-82224 Datasheet HTML 7Page - Sony Corporation CXP-82224 Datasheet HTML 8Page - Sony Corporation CXP-82224 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CXP82220/82224
Pin Description
– 4 –
(Port A)
8-bit I/O port. I/O can be
set in a unit of single bit .
(8 pins)
(Port B)
8-bit I/O port. I/O for lower
7 bits can be set in a unit
of single bit. Uppermost
bit (PB7) is for output only.
(8 pins)
(Port C)
8-bit I/O port. I/O can be
set in a unit of single bits.
Capable of driving 12mA
synk current. (8 pins)
(Port D)
8-bit output port.
(8 pins)
(Port E)
8-bit port. Lower 6 bits are
for inputs; upper 2 bits are
for outputs.
(8 pins)
(Port F)
8-bit output port.
(8 pins)
(Port G)
8-bit I/O port. I/O can be
set in a unit of single bit.
Data for the lower 4 bits
are gated with the contents
of RTO or OR-gate output.
(8 pins)
Analog inputs to A/D converter.
(8 pins)
External capture input to 16bittimer/counter.
Chip select input for serial interface (CH0).
Serial clock I/O (CH0).
Serial data input (CH0).
Serial data output (CH0).
Serial clock I/O (CH1).
Serial data input (CH1).
Serial data output (CH1).
Serves as key return inputs when operating
key scan with FDP segment signal.
FDP segment signal outputs.
Inputs for
external
interruption
request.
(4 pins)
Remote control reception circuit input.
Input for CTL duty ditection circuit.
14-bit PWM output.
Output for the 16-bit timer/counter
rectangular waves, CTU duty detection,
and 32kHz oscillation frequuency
demultiplication.
Outputs for real-time pulse generator (RTG).
Functions as high-precision, real-time pulse
output port.
(4 pins)
Symbol
I/O
Functions
PA0/AN0
to
PA7/AN7
PB0/CINT
PB1/CS0
PB2/SCK0
PB3/SI0
PB4/SO0
PB5/SCK1
PB6/SI1
PB7/SO1
PC0/KR0
to
PC7/KR7
PD0/S0
to
PD7/S7
PE0/INT0/EC0
PE1/INT1/EC1
PE2/INT2
PE3/INT3/NMI
PE4/RMC
PE5/CTL
PE6/PWM
PE7/TO/DDO/
ADJ
PF0/S8
to
PF7/S15
PG0/RTO0
to
PG3/RTO3
PG4 to PG7
I/O/
Analog input
I/O/Input
I/O/Input
I/O/I/O
I/O/Input
I/O/Output
I/O/I/O
I/O/Input
Output/Output
I/O/Input
Output/Output
Input/Input/Input
Input/Input/Input
Input/Input
Input/Input/Input
Input/Input
Input/Input
Output/Output
Output/Output/
Output/Output
Output/Output
I/O/Output
I/O
External event inputs for
timer/counter.
(2 pins)
Non-maskable
interruption request input.
FDP segment signal
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com