Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP-82224 Datasheet HTML 2Page - Sony Corporation CXP-82224 Datasheet HTML 3Page - Sony Corporation CXP-82224 Datasheet HTML 4Page - Sony Corporation CXP-82224 Datasheet HTML 5Page - Sony Corporation CXP-82224 Datasheet HTML 6Page - Sony Corporation CXP-82224 Datasheet HTML 7Page - Sony Corporation CXP-82224 Datasheet HTML 8Page - Sony Corporation CXP-82224 Datasheet HTML 9Page - Sony Corporation CXP-82224 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
– 6 –
CXP82220/82224
When reset
Pin
Circuit format
Input/Output Circuit Formats for Pins
IP
RD (Port B)
Data bus
Port B direction
Port B output selection
"0" when reset
SCK in
Schmitt input
Port B data
"0" when reset
SCK out
Output enable
Hi-Z
Hi-Z
Hi-Z
PB0/CINT
PB1/CS0
PB3/SI0
PB6/SI1
PB2/SCK0
PB5/SCK1
Port B
Port B
2 pins
Port A
IP
Input protection circuit
RD (Port A)
Data bus
Port A direction
Port A data
"0" when reset
Port A input selection
"0" when reset
A/D converter
Input multiplexer
IP
RD (Port B)
Data bus
Port B direction
Port B data
"0" when reset
CINT
CS0
SI0
SI1
Schmitt input
PA0/AN0
to
PA7/AN7
8 pins
4 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com