Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82224 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 1 Page - Sony Corporation

  CXP-82224 Datasheet HTML 1Page - Sony Corporation CXP-82224 Datasheet HTML 2Page - Sony Corporation CXP-82224 Datasheet HTML 3Page - Sony Corporation CXP-82224 Datasheet HTML 4Page - Sony Corporation CXP-82224 Datasheet HTML 5Page - Sony Corporation CXP-82224 Datasheet HTML 6Page - Sony Corporation CXP-82224 Datasheet HTML 7Page - Sony Corporation CXP-82224 Datasheet HTML 8Page - Sony Corporation CXP-82224 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CMOS 8-bit Single Chip Microcomputer
Description
The CXP82220/82224 is a CMOS 8-bit single chip
microcomputer integrating on a single chip an A/D
converter, serial interface, timer/counter, time base
timer, capture timer/counter, fluorescent display tube
controller/driver, remote control reception circuit, CTL
duty detection circuit, 14-bit PWM output, high-speed
output circuit and other servo systems besides the
basic configurations of 8-bit CPU, PROM, RAM, and
I/O port.
The CXP82220/82224 also provides power-on reset
function and sleep/stop function that enables lower
power consumption.
Features
• Wide-range instruction system (213 instructions) to cover various types of data
— 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation
122µs at 32kHz operation
• Incorporated ROM capacity
20K bytes (CXP82220)
24K bytes (CXP82224)
• Incorporated RAM capacity
704 bytes (including fluorescent display area)
• Peripheral functions
— A/D converter
8 bits, 8 channels, successive approximation method
(Conversion time of 32µs/10MHz)
— Serial interface
SIO with 8-bit, 8-stage FIFO incorporated for data use
(Auto transfer for 1 to 8 bytes), 1 channel
8-bit standard SIO, 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
16-bit capture timer/counter, 32kHz timer/counter
— Fluorescent display tube controller/driver Maximum of 384 segment display possible
1 to 16-digit dynamic display
Dimmer function
High voltage drive output (40V)
Incorporated pull-down resistor (Mask option)
Hardware key scan function
Maximum of 16
× 8 key matrix compatible
— Remote control reception circuit
Incorporated noise elimination circuit
Incorporated 8-bit, 6-stage FIFO for measurement data
— PWM output circuit
14 bits, 1 channel
— CTL duty detection circuit
— High-speed output circuit
Precision of 800ns at 10MHz, 4 outputs
• Interruption
19 factors, 15 vectors, multi-interruption possible
• Standby mode
Sleep/stop
• Package
100-pin plastic QFP
• Piggyback/evaluation chip
CXP82200 100-pin ceramic QFP
– 1 –
E92235A81-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP82220/82224
100 pin QFP (Plastic)
Structure
Silicon gate CMOS IC


Similar Part No. - CXP-82224

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP-85112 SONY-CXP-85112 Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85112B SONY-CXP-85112B Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85116B SONY-CXP-85116B Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85220A SONY-CXP-85220A Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85224A SONY-CXP-85224A Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
More results

Similar Description - CXP-82224

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com