Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 38 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 38 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 34Page - Texas Instruments 6462011 Datasheet HTML 35Page - Texas Instruments 6462011 Datasheet HTML 36Page - Texas Instruments 6462011 Datasheet HTML 37Page - Texas Instruments 6462011 Datasheet HTML 38Page - Texas Instruments 6462011 Datasheet HTML 39Page - Texas Instruments 6462011 Datasheet HTML 40Page - Texas Instruments 6462011 Datasheet HTML 41Page - Texas Instruments 6462011 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
EEG Specific Features
www.ti.com
7.2.2
AC Lead-Off Detection
AC lead off detection can be used in three ways
1. To measure electrode impedance with inband excitation for one time use at electrode placement.
2. To simultaneously measure electrode impedance with EEG, by using out of band excitation.
3. To detect if a lead is off for an AC coupled input.
These options are explained below.
In band Electrode impedance measurement
ADS1299 provides two frequency options (7.8Hz and 31.25Hz) to measure the electrode impedance
within the bandwidth of interest for EEG. There are four amplitude of current source (I
Leadoff) options
available 6nA, 24nA, 6µA and 24µA. The electrode impedance measurement at these frequencies cannot
be done simultaneously with EEG measurements. The voltage developed at the -inputs depends on the
impedance on each electrode and the current used for lead-off detection. If we denote the source
impedance on INP pin as Z
inp and the source impedance on INM pin as Zinm the peak to peak voltage
developed on channel input is 2×(I
Leadoff×Zinp + ILeadoff×Zinm).
As an example Figure 44 shows the snapshot of the scope with 5K impedance on each source with 6µA
of lead-off current at 31.25Hz. We expect a theoretical peak to peak voltage of 120mV. The observed
peak-to-peak voltage is 128mV which is within the tolerance specification of current source. The results
can also be analyzed in frequency domain using the FFT analysis tab as shown in Figure 45. The
magnitude of the fundamental component will be directly proportional to the electrode impedance being
measured.
Figure 44. Scope tab for Impedance Measurement at 31.25Hz
38
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com