Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 46 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 46 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 42Page - Texas Instruments 6462011 Datasheet HTML 43Page - Texas Instruments 6462011 Datasheet HTML 44Page - Texas Instruments 6462011 Datasheet HTML 45Page - Texas Instruments 6462011 Datasheet HTML 46Page - Texas Instruments 6462011 Datasheet HTML 47Page - Texas Instruments 6462011 Datasheet HTML 48Page - Texas Instruments 6462011 Datasheet HTML 49Page - Texas Instruments 6462011 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
Test Options on the EVM
www.ti.com
8.3
Noise with Common Reference on Negative Inputs
There is an option in ADS1299 to connect all the channels negative inputs to a common reference. This
can be accomplished by giving a signal on SRB1 pin and setting the bit SRB1 bit in MISC1 register. There
is an option on board to test out the channel noise performance with this setting. On JP81 a jumper on (3-
4) and (5-6) is needed. On JP8 a jumper (1-2) is required. These settings routes the common mode
voltage VCM on BIAS_ELEC to all the positive inputs. It also connects BIAS_ELEC to REF_ELEC via R11
(5K). REF_ELEC is connected to SRB1 pin on ADS1299. The noise in this test includes noise of two 5K
resistors and the channel noise. The SRB1 control switch must be set as shown in Figure 55.The
snapshot of the scope in the analysis tab is shown in Figure 56. The average peak-to-peak noise for this
test is 1.28µV.
Figure 55. MISC1 Register Setting for SRB1
46
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com