Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 13 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 9Page - Texas Instruments 6462011 Datasheet HTML 10Page - Texas Instruments 6462011 Datasheet HTML 11Page - Texas Instruments 6462011 Datasheet HTML 12Page - Texas Instruments 6462011 Datasheet HTML 13Page - Texas Instruments 6462011 Datasheet HTML 14Page - Texas Instruments 6462011 Datasheet HTML 15Page - Texas Instruments 6462011 Datasheet HTML 16Page - Texas Instruments 6462011 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
www.ti.com
ADS1299EEG-FE Daughter Card Hardware Introduction
By this time the ADS1299EEG FE software will have prompted the user an with error message. Click ‘OK’.
It may be necessary to close the program, power cycle the ADS1299EEG FE and restart the program.
This process may need to be done again should you plug the ADS1299ECG FE into a different USB port
on your computer.
4
ADS1299EEG-FE Daughter Card Hardware Introduction
CAUTION
Many of the components on the ADS1299EEG-FE are susceptible to damage
by electrostatic discharge (ESD). Customers are advised to observe proper
ESD handling procedures when unpacking and handling the EVM, including the
use of a grounded wrist strap, bootstraps, or mats at an approved ESD
workstation. An electrostatic smock and safety glasses should also be worn.
The ADS1299 ECG front-end evaluation board is configured to be used with the TI MMB0 data converter
evaluation platform. The key features of the ADS1299 system on a chip (SOC) are:
•
Eight integrated INAs and eight 24-bit high-resolution ADCs
•
Low channel noise of 1uVpp for 65Hz bandwidth
•
Low power consumption (5mW/channel)
•
Data rates of 250SPS to 16kSPS
•
5V unipolar or bipolar analog supply, 1.8V to 3.6V digital supply.
•
DC /AC Lead off detection
•
On-chip oscillator
•
On-chip bias amplifier
•
Versatile MUX to enable programmable reference and bias electrode
•
SPI data interface
The ADS1299EEG-FE can be used to evaluate the performance of ADS1299 chip. Users can provide any
type of signal directly to the ADS1299 through a variety of hardware jumper settings (J6, JP25). External
support circuits are provided for testing purposes such as external references, clocks, lead-off resistors,
and shield drive amplifiers.
Figure 13 shows the functional block diagram with important jumper names for the EVM.
13
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com