Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 5 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 5 Page - Texas Instruments

  6462011 Datasheet HTML 1Page - Texas Instruments 6462011 Datasheet HTML 2Page - Texas Instruments 6462011 Datasheet HTML 3Page - Texas Instruments 6462011 Datasheet HTML 4Page - Texas Instruments 6462011 Datasheet HTML 5Page - Texas Instruments 6462011 Datasheet HTML 6Page - Texas Instruments 6462011 Datasheet HTML 7Page - Texas Instruments 6462011 Datasheet HTML 8Page - Texas Instruments 6462011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
www.ti.com
Overview
2
Overview
2.1
Introduction
The ADS1299EEG-FE is intended for evaluating the ADS1299 low-power, low noise 24-bit, simultaneously
sampling, eight-channel front-end for EEG applications. The digital SPI™ control interface is provided by
the MMB0 Modular EVM motherboard (Rev. D or higher) that connects to the ADS1299EEG FE
evaluation board (Rev A). The ADS1299EEG-FE (see Figure 1) is NOT a reference design for EEG
applications; rather, its purpose is to expedite evaluation and system development. The output of the
ADS1299 yields a raw, unfiltered EEG signal.
The MMB0 motherboard allows the ADS1299EEG-FE to be connected to the computer via an available
USB port. This manual shows how to use the MMB0 as part of the ADS1299EEG-FE, but does not
provide technical details about the MMB0 itself.
Throughout this document, the abbreviation EVM and the term evaluation module are synonymous with
the ADS1299EEG-FE.
2.2
Supported Features
Hardware Features:
•
Configurable for bipolar or unipolar supply operation
•
Configurable for internal and external clock and reference via jumper settings
•
Configurable for dc-coupled inputs
•
External bias electrode drive
•
Option to provide a common reference to all channels negative terminals.
•
Option to select any electrode as reference electrode
•
Option to choose any electrode as bias electrode
•
External shield drive amplifier
Software Features:
•
Analysis tools including a virtual oscilloscope, histogram, FFT.
•
Data export for post-processing of raw EEG data
2.3
Features Not Supported in Current Version
NOTE:
The following features are NOT SUPPORTED by the current version of the evaluation kit.
•
Real-time data processing
•
AC lead-off detection filters
2.4
ADS1299EEG-FE Hardware
Figure 1 shows the hardware included in the ADS1299EEG-FE kit. Contact the factory if any component is
missing. Also, it is highly recommended that you check the TI website at http://www.ti.com to verify that
you have the latest software.
5
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com