Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 6 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 2Page - Texas Instruments 6462011 Datasheet HTML 3Page - Texas Instruments 6462011 Datasheet HTML 4Page - Texas Instruments 6462011 Datasheet HTML 5Page - Texas Instruments 6462011 Datasheet HTML 6Page - Texas Instruments 6462011 Datasheet HTML 7Page - Texas Instruments 6462011 Datasheet HTML 8Page - Texas Instruments 6462011 Datasheet HTML 9Page - Texas Instruments 6462011 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Overview
www.ti.com
Figure 1. ADS1299EEG-FE Kit
The complete kit includes the following items:
•
ADS1299EEG FE printed circuit board (PCB), Rev A
•
MMB0 (Modular EVM motherboard, Rev D or higher)
•
Universal ac to dc wall adapter, 120V to 240V ac to +6V dc
2.5
Factory Default Jumper Settings
Table 1. Factory Default Jumper Settings
Jumper Name
Settings
Comment
JP1
Not Installed
Used for programmable bias drive.
JP2
2-3
Unipolar analog supply (AVDD = 5V)
JP3
Not Installed
Related to external reference generation circuitry
JP4
1-2
5V supply to board
JP5
Not Installed
Option to provide hardware PWDN signal.
JP6
1-2
BIAS_ELEC to onboard midsupply
JP7
1-2
Route REF_ELEC to buffer input (buffer output is not used by default)
JP8
1-2
Route REF_ELEC directly to SRB1
JP17
Not Installed
Related to shield drive circuitry
JP18
2-3
Clock from Oscillator on the EVM
JP19
1-2
Power for Oscillator on the EVM
JP20
1-2
Unipolar supply (AVSS = 0V)
JP21
1-2
JP22
2-3
JP23
1-2
CLKSEL = 0
JP24
2-3
Digital supply (DVDD =3.3)
6
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com