Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6462011 Datasheet(PDF) 53 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 53 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 49Page - Texas Instruments 6462011 Datasheet HTML 50Page - Texas Instruments 6462011 Datasheet HTML 51Page - Texas Instruments 6462011 Datasheet HTML 52Page - Texas Instruments 6462011 Datasheet HTML 53Page - Texas Instruments 6462011 Datasheet HTML 54Page - Texas Instruments 6462011 Datasheet HTML 55Page - Texas Instruments 6462011 Datasheet HTML 56Page - Texas Instruments 6462011 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
VCC_5v
DVDD
TP8
TP10
TP9
TP7
C70
0.1uF
C69
0.1uF
C71
100uF
C68
100uF
CLKSEL
SPI_DRDY
SPI_OUT
GPIO2
SPI_CLK
SPI_CS
SPI_START
SPI_IN
GPIO1
Dummy Connector
JP4
/RESET
JP24
JP21
JP22
NOTE: Populate J2, J3, and J4 female connectors from the bottom
EXT_CLK
R67
10K
JP23
DVDD
AGND
AGND
AGND
VCC_1.8V
VCC_3.3V
R74
0
A0
1
A1
2
GND
4
SDA
5
SCL
6
WP
7
VCC
8
A2
3
U10
24AA256-I/ST
C94
0.1uF
VCC_3.3V
R68
NI
VCC_3.3V
R69
NI
R70
NI
R71
0
R72
0
R73
0
SCL
SDA
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
J2
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
J3
1
2
3
4
5
6
7
8
9
10
J4
R51
NI
VREFP
R50
NI
C40
NI
3
2
6
U5
NI
AVDD
AVSS
R47
NI
C38
NI
C39
NI
R48
NI
C42
NI
C41
NI
R49
NI
JP3
NI
VIN
2
GND
4
OUT
6
TRIM
5
TEMP
3
N/C
1
U3
NI
C34
NI
AVDD
AVSS
C43
NI
C35
NI
AVSS
AGND
AGND
www.ti.com
Bill of Materials, Layouts and Schematics
Figure 62. External Reference Drivers (Not Installed)
Figure 63. ECG MDK Board Interface Adapter
9.2
Printed Circuit Board Layout
Figure 64 through Figure 69 show the ADS1299EEG-FE PCB layout.
53
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com