Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 174Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 175Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 176Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 177Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 178Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 179Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 180Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 181Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
178
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R140 (8Ch)
EQ7
15:0
EQ_B1_A [15:0] 0000_1111_1
100_1010
EQ Band 1 Coefficient A
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 8Ch EQ7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R141 (8Dh)
EQ8
15:0
EQ_B1_B [15:0]
0000_0100_
0000_0000
EQ Band 1 Coefficient B
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 8Dh EQ8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R142 (8Eh)
EQ9
15:0
EQ_B1_PG
[15:0]
0000_0000_1
101_1000
EQ Band 1 Coefficient PG
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 8Eh EQ9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R143 (8Fh)
EQ10
15:0
EQ_B2_A [15:0] 0001_1110_1
011_0101
EQ Band 2 Coefficient A
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 8Fh EQ10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R144 (90h)
EQ11
15:0
EQ_B2_B [15:0] 1111_0001_0
100_0101
EQ Band 2 Coefficient B
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 90h EQ11
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R145 (91h)
EQ12
15:0
EQ_B2_C [15:0] 0000_1011_0
111_0101
EQ Band 2 Coefficient C
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 91h EQ12
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R146 (92h)
EQ13
15:0
EQ_B2_PG
[15:0]
0000_0001_1
100_0101
EQ Band 2 Coefficient PG
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 92h EQ13
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R147 (93h)
EQ14
15:0
EQ_B3_A [15:0] 0001_1100_0
101_1000
EQ Band 3 Coefficient A
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 93h EQ14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com