Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 181 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 181 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 177Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 178Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 179Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 180Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 181Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 182Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 183Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 184Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 185Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
181
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 71 Recommended External Components
Notes:
1.
Decoupling Capacitors
X5R ceramic capacitor is recommended for capacitors C1, C2, C3, C4, C5, C15, C16, C17 and C18.
The positioning of C17 and C18 is very important - these should be as close to the WM8904 as possible.
Capacitors C15 and C16 should also be positioned as close to the WM8904 as possible.
2.
Charge Pump Capacitors
Specific recommendations for C14, C15 and C16 are provided in Table 95. Note that two different recommendations are
provided for C15 and C16; either of these components is suitable, depending upon size requirements and availability.
The positioning of C14 is very important - this should be as close to the WM8904 as possible.
It is important to select a suitable capacitor type for the Charge Pump. Note that the capacitance may vary with DC voltage;
care is required to ensure that required capacitance is achieved at the applicable operating voltage, as specified in Table 95.
The capacitor datasheet should be consulted for this information.
COMPONENT
REQUIRED
CAPACITANCE
VALUE
PART NUMBER
VOLTAGE
TYPE
SIZE
C14 (CPCA-CPCB)
 1F at 2VDC
2.2
F
Kemet C0402C225M9PAC
6.3v
X5R
0402
C15 (CPVOUTN)
C16 (CPVOUTP)
 2F at 2VDC
2.2
F
MuRata GRM188R61A225KE34D
10v
X5R
0603
4.7
F
MuRata GRM155R60J475M_EIA
6.3v
X5R
0402
Table 95 Charge Pump Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com