Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 179 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 179 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 175Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 176Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 177Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 178Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 179Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 180Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 181Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 182Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 183Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
179
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R148 (94h)
EQ15
15:0
EQ_B3_B [15:0] 1111_0011_0
111_0011
EQ Band 3 Coefficient B
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 94h EQ15
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R149 (95h)
EQ16
15:0
EQ_B3_C [15:0] 0000_1010_0
101_0100
EQ Band 3 Coefficient C
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 95h EQ16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R150 (96h)
EQ17
15:0
EQ_B3_PG
[15:0]
0000_0101_0
101_1000
EQ Band 3 Coefficient PG
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 96h EQ17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R151 (97h)
EQ18
15:0
EQ_B4_A [15:0] 0001_0110_1
000_1110
EQ Band 4 Coefficient A
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 97h EQ18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R152 (98h)
EQ19
15:0
EQ_B4_B [15:0] 1111_1000_0
010_1001
EQ Band 4 Coefficient B
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 98h EQ19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R153 (99h)
EQ20
15:0
EQ_B4_C [15:0] 0000_0111_1
010_1101
EQ Band 4 Coefficient C
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 99h EQ20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R154 (9Ah)
EQ21
15:0
EQ_B4_PG
[15:0]
0001_0001_0
000_0011
EQ Band 4 Coefficient PG
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 9Ah EQ21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R155 (9Bh)
EQ22
15:0
EQ_B5_A [15:0] 0000_0101_0
110_0100
EQ Band 5 Coefficient A
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 9Bh EQ22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com