Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 4 Page - Enpirion, Inc.

  EP5348UI Datasheet HTML 1Page - Enpirion, Inc. EP5348UI Datasheet HTML 2Page - Enpirion, Inc. EP5348UI Datasheet HTML 3Page - Enpirion, Inc. EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
4
www.enpirion.com
Electrical Characteristics
NOTE: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C, VIN = 3.6V.
CIN = 2.2µF 0603 MLCC, COUT = 10µF 0603.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
Range
VIN
2.5
5.5
V
Under Voltage Lock-out –
VIN Rising
VUVLO_R
2.3
V
Under Voltage Lock-out –
VIN Falling
VUVLO_F
2.2
V
Shut-down Supply Current
ISD
Enable = Low
3
µA
VFB Voltage Initial
Accuracy
VFB
TA = 25°C, VIN = 3.6V;
ILOAD = 100mA ;
0.8V ≤ VOUT ≤ 3.3V
0.588
0.600
0.612
V
Line Regulation
ΔVOUT_LINE
2.5V ≤ VIN ≤ 5.5V
0.03
%/V
Load Regulation
ΔVOUT_LOAD
0A ≤ ILOAD ≤ 400Ma
0.48
%/A
Temperature Variation
ΔVOUT_TEMPL -40°C ≤ TA ≤ +85°C
24
ppm/
°C
Feedback Pin Input
Current
IFB
Note 1
<300
nA
Output Current
IOUT
0
400
mA
OCP Threshold
ILIM
2.5V ≤ VIN ≤ 5.5V
0.6V ≤ VOUT ≤ 3.3V
1.4
A
Output Dropout
Resistance (Note 1)
Voltage (Note 1,2)
RDO
VDO_FL
Input to Output Resistance
VINMIN - VOUT at Full load
520
208
780
312
mΩ
mV
Operating Output Voltage
Range
VOUT
VDO = IOUT * RDO
0.6
VIN-VDO
V
Enable Pin Logic Low
VENLO
0.3
V
Enable Pin Logic High
VENHI
1.4
V
Enable Pin Current
IENABLE
Note 1
<200
nA
Operating Frequency
FOSC
9
MHz
Soft Start Operation
VOUT Rise Time
TRISE
From 0 to full output voltage
1.17
1.8
2.43
mSec
Notes: 1 - Parameter guaranteed by design
2 - VDO_FL (full-load drop-out voltage) is defined as (Maximum IOUT x Dropout Resistance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com