Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 12 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 12 Page - Enpirion, Inc.

Back Button EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. EP5348UI Datasheet HTML 10Page - Enpirion, Inc. EP5348UI Datasheet HTML 11Page - Enpirion, Inc. EP5348UI Datasheet HTML 12Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
12
www.enpirion.com
Contact Information
Enpirion, Inc.
Perryville III Corporate Park
53 Frontage Road, Suite 210
Hampton, NJ 08827
Phone: +1 908-894-6000
Fax:
+1 908-894-6090
www.enpirion.com
Enpirion reserves the right to make changes in circuit design and/or specifications at any time without notice. Information furnished by Enpirion is
believed to be accurate and reliable. Enpirion assumes no responsibility for its use or for infringement of patents or other third party rights, which may
result from its use. Enpirion products are not authorized for use in nuclear control systems, as critical components in life support systems or equipment
used in hazardous environment without the express written authority from Enpirion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com