Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 8 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 8 Page - Enpirion, Inc.

Back Button EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. EP5348UI Datasheet HTML 10Page - Enpirion, Inc. EP5348UI Datasheet HTML 11Page - Enpirion, Inc. EP5348UI Datasheet HTML 12Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
8
www.enpirion.com
MOSFET which is compared to a reference
current. When this level is exceeded the P-
FET is turned off and the N-FET is turned on,
pulling VOUT low. This condition is maintained
for approximately 0.5mS and then a normal
soft start is initiated.
If the over current
condition still persists, this cycle will repeat.
Under Voltage Lockout
During initial power up an under voltage
lockout circuit will hold-off the switching
circuitry until the input voltage reaches a
sufficient level to ensure proper operation. If
the voltage drops below the UVLO threshold,
the lockout circuitry will disable the switching.
Hysteresis is included to prevent chattering
between states.
Enable
The ENABLE pin provides a means to shut
down
the
converter
or
enable
normal
operation.
A logic low will disable the
converter and cause it to shut down. A logic
high will enable the converter into normal
operation.
NOTE:
The ENABLE pin must not be left
floating.
Thermal Shutdown
When excessive power is dissipated in the
chip, the junction temperature rises. Once the
junction temperature exceeds the thermal
shutdown threshold, the thermal shutdown
circuit turns off the converter output voltage
thus allowing the device to cool. When the
junction temperature decreases by 15C°, the
device will go through the normal startup
process.
Application Information
Output Voltage Programming
EP5348
10µF
0603
VOUT
PVIN
AGND
VIN
ENABLE
AVIN
PGND
COUT
VOUT
RA
RB
VFB
2.2µF
0603
CIN
CAVIN
0.1µF
CA
Figure 3: Typical Application Circuit
The EP5348UI uses a simple resistor divider to
program the output voltage.
Referring to Figure 3, use 200 kΩ, 1% or better
for the upper resistor (RA). The value of the
bottom resistor (RB) in kΩ is given as:
nominal
6
.
0
)
(
*
V
VFB
VFB
V
R
VFB
R
OUT
A
B
=
−
=
A 5pF MLCC capacitor CA is also required in
parallel with RA for compensation.
Input Filter Capacitor
CIN_MIN = 2.2µF 0603 case size or larger.
The input capacitor must use a X5R or X7R or
equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance with frequency, bias, and with
temperature, and are not suitable for switch-
mode DC-DC converter input filter applications.
Output Filter Capacitor
COUT_MIN = 10uF 0603 + 2.2uF 0603 MLCC
when 4.5V ≤ VIN ≤ 5.5V, AND IOUT > 300mA.
COUT_MIN = 10uF 0603 MLCC for all other use
cases. However, ripple performance can
always be improved by adding a second 2.2uF
or 1uF output capacitor for any operating
condition.
VOUT has to be sensed at the last output filter
capacitor next to the EP5348UI. Any additional
bulk capacitance for load decoupling and
byass has to be far enough from the VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com