Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. EP5348UI Datasheet HTML 10Page - Enpirion, Inc. EP5348UI Datasheet HTML 11Page - Enpirion, Inc. EP5348UI Datasheet HTML 12Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
9
www.enpirion.com
sensing point so that it does not interfere with
the control loop operation. Excess total
capacitance on the output (Output Filter + Bulk)
can cause an over-current condition at startup.
Please see the Soft Start section under
Functional
Overview
for
the
maximum
allowable bulk capacitance on the output rail.
The output capacitor must use a X5R or X7R
or equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance
with
frequency,
bias,
and
temperature and are not suitable for switch-
mode
DC-DC
converter
output
filter
applications.
LDO Replacement
The
Enpirion
EP5348UI
is
a
suitable
replacement for inefficient LDOs and can be
used to augment the LDOs in a PMU with
minimum footprint impact.
This integrated
DCDC solution offers significantly better
efficiency, and significant reduction in power
loss.
The resulting improved thermals and
extended battery life helps meet Energy Star
requirements. The total solution size is 25%
smaller than a comparable LDO and half the
footprint of a comparable DCDC.
As the table below shows, EP5348UI provides
the optimal trade-off between footprint and
efficiency when compared to a traditional LDO:
Power-Up/Down Sequencing
During power-up, ENABLE should not be
asserted before PVIN, and PVIN should not be
asserted before AVIN. The PVIN should never
be powered when AVIN is off. During power
down, the AVIN should not be powered down
before the PVIN. Tying PVIN and AVIN or all
three pins (AVIN, PVIN, ENABLE) together
during power up or power down meets these
requirements
.
Pre-Bias Start-up
The EP5348UI does not support startup into a
pre-biased condition. Be sure the output
capacitors are not charged or the output of the
EP5348UI
is
not
pre-biased
when
the
EP5348UI is first enabled.
Layout Recommendations
Figure 4: Top PCB Layer Critical Components and
Copper for Minimum Footprint
Figure 5: Bottom PCB Layer Critical Components
(RA, RB, CA) & Copper for Minimum Footprint
VIN
(V)
VOUT
(V)
LOAD
(mA)
EFF
DCDC
EFF
LDO
PLOSS
DCDC
(mW)
PLOSS
LDO
(mW)
Power Saved
(mW)
5.0
1.2
400
70.4% 24.0%
202
1520
1318
5.0
1.8
400
76.4% 36.0%
222
1280
1058
5.0
2.5
400
81.6% 50.0%
225
1000
775
5.0
3.3
400
87.7% 66.0%
185
680
495
3.3
1.2
400
77.1% 36.4%
143
840
697
3.3
1.8
400
83.3% 54.5%
144
600
456
3.3
2.5
400
88.2% 75.8%
134
320
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com