Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 1 Page - Enpirion, Inc.

  EP5348UI Datasheet HTML 1Page - Enpirion, Inc. EP5348UI Datasheet HTML 2Page - Enpirion, Inc. EP5348UI Datasheet HTML 3Page - Enpirion, Inc. EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
400mA Synchronous Buck Regulator
with Integrated Inductor
RoHS Compliant; Halogen Free
www.enpirion.com
Description
The EP5348UI delivers the optimal trade-off
between footprint and efficiency. It is a perfect
alternative to replace less efficient LDOs in space
constrained applications that require improved
efficiency.
The EP5348UI is a 400mA PowerSoC which
integrates
MOSFET
switches,
control,
compensation, and the magnetics in a micro-
QFN Package. This highly integrated DCDC
solution offers up to 46-points better efficiency
than the comparable LDO.
A significant
reduction in power loss and improved thermals
are achieved. It enables extended battery life
and helps Meet Energy Star requirements.
Integrated magnetics enables a tiny solution
footprint, low output ripple, and high reliability,
while maintaining high efficiency. The complete
solution size is similar to an LDO and much
smaller than a comparable DCDC.
Features
• Integrated Inductor Technology
• 400mA continuous output current
• 2.0mm x 1.75mm x 0.9mm uQFN package
• Small Solution Footprint
• Efficiency, up to 90%
• VOUT Range 0.6V to VIN – VDROP_OUT
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSoC solution
Applications
• Applications where poor LDO efficiency
creates:
o
Thermal challenges
o
Battery Life challenges
o
Failure to meet Energy Star
requirements
• Space-constrained applications
• Portable media players and USB peripherals
EP5348
10µF
0603
VOUT
PVIN
AGND
VIN
ENABLE
AVIN
PGND
COUT
VOUT
RA
RB
VFB
2.2µF
0603
CIN
CAVIN
0.1µF
CA
Figure 1: Typical Application Schematic
15
25
35
45
55
65
75
85
95
0.0
0.1
0.2
0.3
Load Current (A)
EP5348UI
LDO
Δ = 46-points
VIN = 5.0V
VOUT = 1.2V


Similar Part No. - EP5348UI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
Integrated Inductor
More results

Similar Description - EP5348UI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com