Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 2 Page - Enpirion, Inc.

  EP5348UI Datasheet HTML 1Page - Enpirion, Inc. EP5348UI Datasheet HTML 2Page - Enpirion, Inc. EP5348UI Datasheet HTML 3Page - Enpirion, Inc. EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
2
www.enpirion.com
Ordering Information
Part Number
Package
EP5348UI
14-pin
μQFN T&R
EP5348UI-E
EP5348UI Evaluation Board
Pin Assignments (Top View)
Figure 2: EP5348UI Pin Out Diagram (Top View)
Pin Description
PIN
NAME
FUNCTION
1, 13,
14
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. NC (SW) pins are not to be electrically connected to any external signal,
ground, or voltage. However, they must be soldered to the PCB. Failure to follow this
guideline may result in part malfunction or damage to the device.
2
PGND
Power ground. Connect this pin to the ground electrode of the Input and output filter
capacitors.
3, 8, 9
NC
NO CONNECT: These pins may already be connected inside the device. Therefore, they
cannot be electrically connected to each other or to any external signal, voltage, or ground.
They must however be soldered to the PCB. Failure to follow this guideline may result in
device damage.
4
VFB
Feedback pin for external voltage divider network.
5
AGND
Analog ground. This is the quiet ground for the internal control circuitry, and the ground
return for external feedback voltage divider
6, 7
VOUT
Regulated Output Voltage. Refer to application section for proper layout and decoupling.
10
ENABLE
Output Enable. Enable = logic high; Disable = logic low
11
AVIN
Input power supply for the controller circuitry. Connect to VIN at a quiet point.
12
PVIN
Input Voltage for the MOSFET switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com